Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP18021 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP18021
Description  100V High Frequency Half-Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP18021 Datasheet HTML 1Page - Monolithic Power Systems MP18021 Datasheet HTML 2Page - Monolithic Power Systems MP18021 Datasheet HTML 3Page - Monolithic Power Systems MP18021 Datasheet HTML 4Page - Monolithic Power Systems MP18021 Datasheet HTML 5Page - Monolithic Power Systems MP18021 Datasheet HTML 6Page - Monolithic Power Systems MP18021 Datasheet HTML 7Page - Monolithic Power Systems MP18021 Datasheet HTML 8Page - Monolithic Power Systems MP18021 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP18021―100V HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18021 Rev. 1.0
www.MonolithicPower.com
4
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD = VBST-VSW=12V, VSS=VSW = 0V, No load at DRVH and DRVL, TA= +25C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Switching Spec. --- Low Side Gate Driver
Turn-off propagation delay
INL falling to DRVL falling
TDLFF
16
ns
Turn-on propagation delay
INL rising to DRVL rising
TDLRR
16
DRVL rise time
CL=1nF
12
ns
DRVL fall time
CL=1nF
9
ns
Switching Spec. --- Floating Gate Driver
Turn-off propagation delay
INL falling to DRVH falling
TDHFF
16
ns
Turn-on propagation delay
INL rising to DRVH rising
TDHRR
16
ns
DRVH rise time
CL=1nF
12
ns
DRVH fall time
CL=1nF
9
ns
Switching Spec. --- Matching
Floating driver turn-off to low
side drive turn-on
TMON
1
5
ns
Low side driver turn-off to floating
driver turn-on
TMOFF
1
5
ns
Minimum input pulse width that
changes the output
TPW
50
(5)
ns
Bootstrap diode turn-on or turn-
off time
TBS
10
(5)
ns
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com