Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP18021 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP18021
Description  100V High Frequency Half-Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP18021 Datasheet HTML 1Page - Monolithic Power Systems MP18021 Datasheet HTML 2Page - Monolithic Power Systems MP18021 Datasheet HTML 3Page - Monolithic Power Systems MP18021 Datasheet HTML 4Page - Monolithic Power Systems MP18021 Datasheet HTML 5Page - Monolithic Power Systems MP18021 Datasheet HTML 6Page - Monolithic Power Systems MP18021 Datasheet HTML 7Page - Monolithic Power Systems MP18021 Datasheet HTML 8Page - Monolithic Power Systems MP18021 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP18021―100V HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18021 Rev. 1.0
www.MonolithicPower.com
3
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = VBST-VSW=12V, VSS=VSW = 0V, No load at DRVH and DRVL, TA= +25C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Currents
VDD quiescent current
IDDQ
INL=INH=0
100
150
µA
VDD operating current
IDDO
fsw=500kHz
2.8
3.5
mA
Floating driver quiescent current
IBSTQ
INL=INH=0
60
90
µA
Floating driver operating current
IBSTO
fsw=500kHz
2.1
3
mA
Leakage Current
ILK
BST=SW=100V
0.05
1
A
Inputs
INL/INH High
2
2.4
V
INL/INH Low
1
1.4
V
INL/INH
internal
pull-down
resistance
RIN
185
k
Under Voltage Protection
VDD rising threshold
VDDR
7.7
8.1
8.5
V
VDD hysteresis
VDDH
0.5
V
(BST-SW) rising threshold
VBSTR
6.7
7.1
7.5
V
(BST-SW) hysteresis
VBSTH
0.55
V
Bootstrap Diode
Bootstrap diode VF @ 100uA
VF1
0.5
V
Bootstrap diode VF @ 100mA
VF2
0.9
V
Bootstrap diode dynamic R
RD
@ 100mA
2.5
Low Side Gate Driver
Low level output voltage
VOLL
IO=100mA
0.15
0.22
V
High level output voltage to rail
VOHL
IO=-100mA
0.45
0.6
V
Peak pull-up current
IOHL
VDRVL=0V, VDD=12V
1.5
A
VDRVL=0V, VDD=16V
2.5
A
Peak pull-down current
IOLL
VDRVL=VDD=12V
2.5
A
VDRVL=VDD=16V
3.5
A
Floating Gate Driver
Low level output voltage
VOLH
IO=100mA
0.15
0.22
V
High level output voltage to rail
VOHH
IO=-100mA
0.45
0.6
V
Peak pull-up current
IOHH
VDRVH=0V, VDD=12V
1.5
A
VDRVH=0V, VDD=16V
2.5
A
Peak pull-down current
IOLH
VDRVH=VDD=12V
2.5
A
VDRVH=VDD=16V
3.5
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com