Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP18021 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP18021
Description  100V High Frequency Half-Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP18021 Datasheet HTML 1Page - Monolithic Power Systems MP18021 Datasheet HTML 2Page - Monolithic Power Systems MP18021 Datasheet HTML 3Page - Monolithic Power Systems MP18021 Datasheet HTML 4Page - Monolithic Power Systems MP18021 Datasheet HTML 5Page - Monolithic Power Systems MP18021 Datasheet HTML 6Page - Monolithic Power Systems MP18021 Datasheet HTML 7Page - Monolithic Power Systems MP18021 Datasheet HTML 8Page - Monolithic Power Systems MP18021 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP18021―100V HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18021 Rev. 1.0
www.MonolithicPower.com
7
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VDD =12V, VSS=VSW = 0V, TA= +25C, unless otherwise noted.
Bootstrap Diode I-V
Characteristics
0.0001
0.001
0.01
0.1
1
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
Quiescent Current vs.
Voltage
40
60
80
100
120
140
5
7.5
10 12.5
15 17.5
20
VDD,VBST (V)
IDDQ vs. VDD
IBSTQ vs. VBST
Maximum VSW Voltage vs.
VDD Voltage
VDD TO VSS VOLTAGE (V)
10V/div.
10V/div.
10V/div.
10V/div.
10V/div.
10V/div.
10V/div.
5V/div.
5V/div.
5V/div.
5V/div.
10V/div.
10V/div.
10V/div.
10V/div.
10V/div.
10V/div.
10V/div.
Turn-on Propagation Delay
Gate Drive Matching TMOFF
Drive Rise Time (1nF Load)
Turn-off Propagation Delay
Gate Drive Matching TMON
Drive Fall Time (1nF Load)
0
20
40
60
80
100
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com