Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX125 Datasheet(PDF) 25 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 21Page - Microsemi Corporation AX125 Datasheet HTML 22Page - Microsemi Corporation AX125 Datasheet HTML 23Page - Microsemi Corporation AX125 Datasheet HTML 24Page - Microsemi Corporation AX125 Datasheet HTML 25Page - Microsemi Corporation AX125 Datasheet HTML 26Page - Microsemi Corporation AX125 Datasheet HTML 27Page - Microsemi Corporation AX125 Datasheet HTML 28Page - Microsemi Corporation AX125 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 11
User I/Os2
Introduction
The Axcelerator family features a flexible I/O structure, supporting a range of mixed voltages (1.5 V,
1.8 V, 2.5 V, and 3.3 V) with its bank-selectable I/Os. Table 2-8 on page 2-12 contains the I/O standards
supported by the Axcelerator family, and Table 2-10 on page 2-12 compares the features of the different
I/O standards.
Each I/O provides programmable slew rates, drive strengths, and weak pull-up and weak pull-down
circuits. The slew rate setting is effective for both rising and falling edges.
I/O standards, except 3.3 V PCI and 3.3 V PCI-X, are capable of hot insertion. 3.3 V PCI and 3.3 V PCI-
X are 5 V tolerant with the aid of an external resistor.
The input buffer has an optional user-configurable delay element. The element can reduce or eliminate
the hold time requirement for input signals registered within the I/O cell. The value for the delay is set on
a bank-wide basis. Note that the delay WILL be a function of process variations as well as temperature
and voltage changes.
Each I/O includes three registers: an input (InReg), an output (OutReg), and an enable register (EnReg).
I/Os are organized into banks, and there are eight banks per device—two per side (Figure 2-6 on
page 2-18). Each I/O bank has a common VCCI, the supply voltage for its I/Os.
For voltage-referenced I/Os, each bank also has a common reference-voltage bus, VREF. While VREF
must have a common voltage for an entire I/O bank, its location is user-selectable. In other words, any
user I/O in the bank can be selected to be a VREF.
The location of the VREF pin should be selected according to the following rules:
•
Any pin that is assigned as a VREF can control a maximum of eight user I/O pad locations in each
direction (16 total maximum) within the same I/O bank.
•
I/O pad locations listed as no connects are counted as part of the 16 maximum. In many cases,
this leads to fewer than eight user I/O package pins in each direction being controlled by a VREF
pin.
•
Dedicated I/O pins such as GND and VCCI are counted as part of the 16.
•
The two user I/O pads immediately adjacent on each side of the VREF pin (four in total) may only
be used as inputs. The exception is when there is a VCCI/GND pair separating the VREF pin and
the user I/O pad location.
•
The user does not need to assign VREF pins for OUTBUF and TRIBUF. VREF pins are needed
only for input and bidirectional I/Os.
The differential amplifier supply voltage VCCDA should be connected to 3.3 V.
A user can gain access to the various I/O standards in three ways:
•
Instantiate specific library macros that represent the desired specific standard.
•
Use generic I/O macros and then use Designer’s PinEditor to specify the desired I/O standards
(please note that this is not applicable to differential standards).
•
A combination of the first two methods.
Refer to the I/O Features in Axcelerator Family Devices application note and the Antifuse Macro Library
Guide
for more details.
2.
Do not use an external resister to pull the I/O above VCCI for a higher logic “1” voltage level. The desired higher logic “1”
voltage level will be degraded due to a small I/O current, which exists when the I/O is pulled up above VCCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com