Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX125 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 31Page - Microsemi Corporation AX125 Datasheet HTML 32Page - Microsemi Corporation AX125 Datasheet HTML 33Page - Microsemi Corporation AX125 Datasheet HTML 34Page - Microsemi Corporation AX125 Datasheet HTML 35Page - Microsemi Corporation AX125 Datasheet HTML 36Page - Microsemi Corporation AX125 Datasheet HTML 37Page - Microsemi Corporation AX125 Datasheet HTML 38Page - Microsemi Corporation AX125 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 21
I/O Standard Electrical Specifications
Table 2-18 • Input Capacitance
Symbol
Parameter
Conditions
Min.
Max.
Units
CIN
Input Capacitance
VIN = 0, f = 1.0 MHz
10
pF
CINCLK
Input Capacitance on HCLK and RCLK Pin
VIN = 0, f = 1.0 MHz
10
pF
Table 2-19 • I/O Input Rise Time and Fall Time*
Input Buffer
Input Rise/Fall Time (min.)
Input Rise/Fall Time (max.)
LVTTL
No Requirement
50 ns
LVCMOS 2.5V
No Requirement
50 ns
LVCMOS 1.8V
No Requirement
50 ns
LVCMOS 1.5V
No Requirement
50 ns
PCI
No Requirement
50 ns
PCIX
No Requirement
50 ns
GTL+
No Requirement
50 ns
HSTL
No Requirement
50 ns
SSTL2
No Requirement
50 ns
HSTL3
No Requirement
50 ns
LVDS
No Requirement
50 ns
LVPECL
No Requirement
50 ns
Note:
*Input Rise/Fall time applies to all inputs, be it clock or data. Inputs have to ramp up/down linearly,
in a monotonic way. Glitches or a plateau may cause double clocking. They must be avoided. For
output rise/fall time, refer to the IBIS models for extraction.
Figure 2-9 •
Input Buffer Delays
Y
IN
INBUF
PAD
ln
Y
GND
Input High
0 V
VCCA
tDP
tDP
VTRIP
VTRIP
50%
50%
(Rising)
(Falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com