Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX125 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 37Page - Microsemi Corporation AX125 Datasheet HTML 38Page - Microsemi Corporation AX125 Datasheet HTML 39Page - Microsemi Corporation AX125 Datasheet HTML 40Page - Microsemi Corporation AX125 Datasheet HTML 41Page - Microsemi Corporation AX125 Datasheet HTML 42Page - Microsemi Corporation AX125 Datasheet HTML 43Page - Microsemi Corporation AX125 Datasheet HTML 44Page - Microsemi Corporation AX125 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 27
LVTTL Output Drive Strength = 2 (12 mA) / Low Slew Rate
tDP
Input Buffer
1.68
1.92
2.26
ns
tPY
Output Buffer
12.14
13.83
16.26
ns
tENZL
Enable to Pad Delay through the Output Buffer—Z to
Low
12.43
14.16
16.65
ns
tENZH
Enable to Pad Delay through the Output Buffer—Z to
High
12.17
13.86
16.30
ns
tENLZ
Enable to Pad Delay through the Output Buffer—Low
to Z
1.73
1.74
1.75
ns
tENHZ
Enable to Pad Delay through the Output Buffer—High
to Z
2.22
2.23
2.24
ns
tIOCLKQ
Sequential Clock-to-Q for the I/O Input Register
0.67
0.77
0.90
ns
tIOCLKY
Clock-to-output Y for the I/O Output Register and the
I/O Enable Register
0.67
0.77
0.90
ns
tSUD
Data Input Set-Up
0.23
0.27
0.31
ns
tSUE
Enable Input Set-Up
0.26
0.30
0.35
ns
tHD
Data Input Hold
0.00
0.00
0.00
ns
tHE
Enable Input Hold
0.00
0.00
0.00
ns
tCPWHL
Clock Pulse Width High to Low
0.39
0.39
0.38
ns
tCPWLH
Clock Pulse Width Low to High
0.39
0.39
0.39
ns
tWASYN
Asynchronous Pulse Width
0.37
0.37
0.37
ns
tREASYN
Asynchronous Recovery Time
0.13
0.15
0.17
ns
tHASYN
Asynchronous Removal Time
0.00
0.00
0.00
ns
tCLR
Asynchronous Clear-to-Q
0.23
0.27
0.31
ns
tPRESET
Asynchronous Preset-to-Q
0.23
0.27
0.31
ns
Table 2-22 • 3.3 V LVTTL I/O Module
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0 V, TJ = 70°C (continued)
–2 Speed
–1 Speed
Std Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max. Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com