Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX125 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 7Page - Microsemi Corporation AX125 Datasheet HTML 8Page - Microsemi Corporation AX125 Datasheet HTML 9Page - Microsemi Corporation AX125 Datasheet HTML 10Page - Microsemi Corporation AX125 Datasheet HTML 11Page - Microsemi Corporation AX125 Datasheet HTML 12Page - Microsemi Corporation AX125 Datasheet HTML 13Page - Microsemi Corporation AX125 Datasheet HTML 14Page - Microsemi Corporation AX125 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
1-5
Routing
The AX hierarchical routing structure ties the logic modules, the embedded memory blocks, and the I/O
modules together (Figure 1-8 on page 1-6). At the lowest level, in and between SuperClusters, there are
three local routing structures: FastConnect, DirectConnect, and CarryConnect routing. DirectConnects
provide the highest performance routing inside the SuperClusters by connecting a C-cell to the adjacent
R-cell. DirectConnects do not require an antifuse to make the connection and achieve a signal
propagation time of less than 0.1 ns.
FastConnects provide high-performance, horizontal routing inside the SuperCluster and vertical routing
to the SuperCluster immediately below it. Only one programmable connection is used in a FastConnect
path, delivering a maximum routing delay of 0.4 ns.
CarryConnects are used for routing carry logic between adjacent SuperClusters. They connect the FCO
output of one two-bit, C-cell carry logic to the FCI input of the two-bit, C-cell carry logic of the
SuperCluster below it. CarryConnects do not require an antifuse to make the connection and achieve a
signal propagation time of less than 0.1 ns.
The next level contains the core tile routing. Over the SuperClusters within a core tile, both vertical and
horizontal tracks run across rows or columns, respectively. At the chip level, vertical and horizontal tracks
extend across the full length of the device, both north-to-south and east-to-west. These tracks are
composed of highway routing that extend the entire length of the device (segmented at core tile
boundaries) as well as segmented routing of varying lengths.
Figure 1-7 •
I/O Cluster Arrangement
I/O Cluster
I/O Module
CoreTile
4k
RAM/
FIFO
4k
RAM/
FIFO
4k
RAM/
FIFO
4k
RAM/
FIFO
OutReg
EnReg
InReg
I/O
Module
I/O
Module
RX RX
RX
RX
TX
TX
B
N
I
O
B
A
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com