Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX125 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 26Page - Microsemi Corporation AX125 Datasheet HTML 27Page - Microsemi Corporation AX125 Datasheet HTML 28Page - Microsemi Corporation AX125 Datasheet HTML 29Page - Microsemi Corporation AX125 Datasheet HTML 30Page - Microsemi Corporation AX125 Datasheet HTML 31Page - Microsemi Corporation AX125 Datasheet HTML 32Page - Microsemi Corporation AX125 Datasheet HTML 33Page - Microsemi Corporation AX125 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 262 page
background image
Detailed Specifications
2- 16
R e v i sio n 1 8
I/O Clusters
Each I/O cluster incorporates two I/O modules, four RX modules, two TX modules, and a buffer module.
In turn, each I/O module contains one Input Register (InReg), one Output Register (OutReg), and one
Enable Register (EnReg) (Figure 2-5).
Using an I/O Register
To access the I/O registers, registers must be instantiated in the netlist and then connected to the I/Os.
Usage of each I/O register (register combining) is individually controlled and can be selected/deselected
using the PinEditor tool in the Designer software. I/O register combining can also be controlled at the
device level, affecting all I/Os. Please note, the I/O register option is deselected by default in any given
design.4
In addition, Designer software provides a global option to enable/disable the usage of registers in the
I/Os. This option is design-specific. The setting for each individual I/O overrides this global option.
Furthermore, the global set fuse option in the Designer software, when checked, causes all I/O registers
to output logic High at device power-up.
Figure 2-5 •
I/O Cluster Interface
EnReg
DIN
YOUT
Y
DCIN
OutReg
DIN
YOUT
InReg
I/O Cluster
OEP
UOP
UIP
Programmable Delay
Slew Rate
I/O
OEN
UON
UIN
Drive Strength
P PAD
N PAD
Routed Input Track
Routed Input Track
Output Track
Routed Input Track
Routed Input Track
Output Track
Routed Input Track
Routed Input Track
Output Track
EnReg
DIN
YOUT
Y
DCIN
OutReg
DIN YOUT
InReg
Routed Input Track
Routed Input Track
Output Track
Programmable Delay
Slew Rate
I/O
Drive Strength
VREF
VREF
4.
Please note that register combining for multi fanout nets is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com