Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX125 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 107Page - Microsemi Corporation AX125 Datasheet HTML 108Page - Microsemi Corporation AX125 Datasheet HTML 109Page - Microsemi Corporation AX125 Datasheet HTML 110Page - Microsemi Corporation AX125 Datasheet HTML 111Page - Microsemi Corporation AX125 Datasheet HTML 112Page - Microsemi Corporation AX125 Datasheet HTML 113Page - Microsemi Corporation AX125 Datasheet HTML 114Page - Microsemi Corporation AX125 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 97
Figure 2-63 illustrates flag generation.
The Verilog codes for the flags are:
assign AF = (DIFF[15:0] >={AFVAL[7:0],8'b00000000})?1:0;
assign AE = ({AEVAL[7:0],8'b00000000}>=DIFF[15:0])?1:0;
The number of DIFF-bits active depends on the configuration depth and width (Table 2-95).
The active-high CLR pin is used to reset the FIFO to the empty state, which sets FULL and AFULL low,
and EMPTY and AEMPTY high.
Assuming that the EMPTY flag is not set, new data is read from the FIFO when REN is valid on the active
edge of the clock. Write and read transfers are described with timing requirements in "Timing
Characteristics" on page 2-100.
Figure 2-63 • ALMOST-EMPTY and ALMOST-FULL Logic
Table 2-95 • Number of Available Configuration Bits
Number of Blocks
Block DxW
Number of AEVAL/AFVAL Bits
1
1x1
4
2
1x2
4
2
2x1
5
4
1x4
4
4
2x2
5
4
4x1
6
8
1x8
4
8
2x4
5
8
4x2
6
8
8x1
7
16
1x16
4
16
2x8
5
16
4x4
6
16
8x2
7
16
16x1
8
ALMOST EMPTY and ALMOST FULL Logic
WCNTR
[15:0]
WCLK
RCNTR
[15:0]
RCLK
16
16
X
Y
X
Y
AEMPTY
AFULL
X>=Y
(16 bit)
DIFF [15:0]
AEVAL [7:0], GND [7:0] (MSB....LSB)
AFVAL [7:0], GND [7:0] (MSB....LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com