Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20142 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20142
Description  Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20142 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20142 Datasheet HTML 1Page - Monolithic Power Systems MP20142 Datasheet HTML 2Page - Monolithic Power Systems MP20142 Datasheet HTML 3Page - Monolithic Power Systems MP20142 Datasheet HTML 4Page - Monolithic Power Systems MP20142 Datasheet HTML 5Page - Monolithic Power Systems MP20142 Datasheet HTML 6Page - Monolithic Power Systems MP20142 Datasheet HTML 7Page - Monolithic Power Systems MP20142 Datasheet HTML 8Page - Monolithic Power Systems MP20142 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP20142 –DUAL-CHANNEL, 200mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20142 Rev.0.9
www.MonolithicPower.com
4
7/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = (VOUT+0.4V) or +2.5V, whichever is greater. CIN=COUT1=COUT2=1uF, EN1=EN2=VIN
Typical Value at TA = 25°C for each LDO, unless otherwise noted.
Notes:
5) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
6) Line Regulation =
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
100(% / V)
VV
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
⎡⎤
−×
⎣⎦
7) Load Regulation =
()
OUT (MAX )
OUT(MIN)
OUTI
OUTI
OUT NOM
VV
100(%)
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
∆VOUT
ILOAD=1mA
-2.5
2.5
%
Maximum Output Current
IMAX
Continuous
200
mA
Current Limit
ILIM
Short circuit current limit
660
mA
No Load (Single Channel)
90
µA
Quiescent Current
IG
No Load (Dual Channel)
150
µA
Shutdown Supply Current
IGSD
EN1 = EN2 = GND
0.01
1
µA
Dropout Voltage
(5)
VDROP
IOUT = 100mA
60
120
mV
Line Regulation
(6)
∆VLINE
VIN=(VOUT+0.4V) or 2.5V to
5.5V, IOUT=1mA
-
0.1
%/V
VOUT > 1.5V
1.2
%
Load Regulation
(7)
∆VLOAD
VOUT ≤ 1.5V
1.8
%
EN Logic High
VIH
VIN = 2.5V to 5.5V
1.6
V
EN Logic Low
VIL
VIN = 2.5V to 5.5V
0.4
V
EN Input Bias Current
ISD
EN = GND or VIN
100
nA
Thermal Shutdown Temperature
TSD
140
°C
Thermal Shutdown Hysteresis
∆TSD
10
°C
Output Voltage Noise
VNOISE
10Hz to 30kHz,
COUT=1µF, ILOAD=1mA
7
µVRMS
100Hz, COUT = 1µF,ILOAD =
200mA (Single Channel
loaded)
75
dB
Output Voltage AC PSRR
1kHz , COUT = 1µF,ILOAD =
200mA (Single Channel
loaded)
75
dB
Output
Voltage
Discharge
Resistance in Shutdown
VIN=5V, EN1=EN2=GND
20
100
Ω
High
state
bias current
5
Low state bias
current
-8
µA
P1/P2
Termination
bias
for
setting High, Low, Open States
VIN=2.5V
to 5.5V
Open state
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com