Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20142 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP20142
Description  Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20142 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP20142 Datasheet HTML 5Page - Monolithic Power Systems MP20142 Datasheet HTML 6Page - Monolithic Power Systems MP20142 Datasheet HTML 7Page - Monolithic Power Systems MP20142 Datasheet HTML 8Page - Monolithic Power Systems MP20142 Datasheet HTML 9Page - Monolithic Power Systems MP20142 Datasheet HTML 10Page - Monolithic Power Systems MP20142 Datasheet HTML 11Page - Monolithic Power Systems MP20142 Datasheet HTML 12Page - Monolithic Power Systems MP20142 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP20142 –DUAL-CHANNEL, 200mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20142 Rev.0.9
www.MonolithicPower.com
11
7/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP20142 integrates two low noise, low
dropout, low quiescent current and high PSRR
linear regulators. It is intended for use in
devices that require very low voltage, low
quiescent current power such as wireless LAN,
battery-powered equipment and hand-held
equipment.
Output
voltages
are
optional
ranging from 1.2V to 3.3V, and each channel
can supply current up to 200mA. The part uses
internal P-channel MOSFETs as the pass
elements
and
features
internal
thermal
shutdown and internal current limit.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal
value.
Because
the
P-channel
MOSFETs pass element behaves as a low-
value resistor, the dropout voltage of MP20142
is very low.
Shutdown
The MP20142 has two EN pins to control each
channel respectively. And each channel can be
switched ON or OFF by a logic input at the EN
pin. A high voltage at this pin will turn the
device on. When the EN pin is low, the
regulator output is off. The EN pin should be
tied to VIN to keep the regulator output always
on if the application does not require the
shutdown feature. Do not float the EN pins.
Output Discharge
The part involves a discharge function that
provides a resistive discharge path for the
external output capacitor. The function will be
active when the part is disabled and it will be
done in a very limited time.
Current Limit
The MP20142 includes two independent current
limit structures which monitor and control each
P-channel MOSFET’s gate voltage limiting the
guaranteed maximum output current to 660mA.
Thermal Protection
Thermal protection turns off the P-channel
MOSFETs when the junction temperature
exceeds +140ºC, allowing the IC to cool. When
the IC’s junction temperature drops by 10ºC,
the P-channel MOSFETs will be turned on
again. Thermal protection limits total power
dissipation in the MP20142. For reliable
operation, the junction temperature should be
limited to 125 ºC maximum.
Internal P-Channel Pass Device
The MP20142 features dual typical 0.6Ω P-
channel MOSFET pass devices. It provides
several advantages over similar designs using
PNP pass transistors, including longer battery
life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com