Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20142 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP20142
Description  Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20142 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP20142 Datasheet HTML 3Page - Monolithic Power Systems MP20142 Datasheet HTML 4Page - Monolithic Power Systems MP20142 Datasheet HTML 5Page - Monolithic Power Systems MP20142 Datasheet HTML 6Page - Monolithic Power Systems MP20142 Datasheet HTML 7Page - Monolithic Power Systems MP20142 Datasheet HTML 8Page - Monolithic Power Systems MP20142 Datasheet HTML 9Page - Monolithic Power Systems MP20142 Datasheet HTML 10Page - Monolithic Power Systems MP20142 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP20142 –DUAL-CHANNEL, 200mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20142 Rev.0.9
www.MonolithicPower.com
7
7/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.7V, P1 High, P2 Open (VOUT1=2.8V, VOUT2=3.3V), CIN = COUT1= COUT2= 1µF, EN1=EN2= VIN
TA = +25ºC, unless otherwise noted.
-40 -20
0
20 40 60
80 100
Channel 2
VIN=3.7V
Current Limit vs.
Temperature
Load Regulation
-0.20%
-0.15%
-0.10%
-0.05%
0.00%
0.05%
0.10%
0.15%
0.20%
-0.20%
-0.15%
-0.10%
-0.05%
0.00%
0.05%
0.10%
0.15%
0.20%
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE(V)
Line Regulation
-40 -20
0
20
40
60
80 100
Output Voltage Accuracy
VIN=3.7V, IOUT=1mA
-20
0
20
40
60
80
100
10 100
1k
10k 100k 1M 10M
FREQUENCY (Hz)
PSRR
0.1
1
10
100
0
50
100
150
200
COUT ESR Stability vs.
Ouput Current
(For Both Channels)
-10
0
10
20
30
40
50
60
FREQUENCY (Hz)
10 100
1k
10k 100k 1M 10M
Channel to Channel Isolation
vs. Frequency
200
300
400
500
600
700
800
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE(V)
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Channel 1
VIN=3.7V
Channel 2
Channel 1
IOUT=1mA
Channel 1
Channel 2
Unstable Region
Stable Region
Channel 1
Channel 2
Channel 1
Channel 2
IOUT=200mA,
Single Channel loaded
Channel 1
Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com