Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20142 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP20142
Description  Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20142 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP20142 Datasheet HTML 2Page - Monolithic Power Systems MP20142 Datasheet HTML 3Page - Monolithic Power Systems MP20142 Datasheet HTML 4Page - Monolithic Power Systems MP20142 Datasheet HTML 5Page - Monolithic Power Systems MP20142 Datasheet HTML 6Page - Monolithic Power Systems MP20142 Datasheet HTML 7Page - Monolithic Power Systems MP20142 Datasheet HTML 8Page - Monolithic Power Systems MP20142 Datasheet HTML 9Page - Monolithic Power Systems MP20142 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP20142 –DUAL-CHANNEL, 200mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20142 Rev.0.9
www.MonolithicPower.com
6
7/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.7V, P1 High, P2 Open (VOUT1=2.8V, VOUT2=3.3V), CIN = COUT1= COUT2=1µF, EN1=EN2= VIN
TA = +25ºC, unless otherwise noted.
Ground Pin Current vs.
Temperature
Dropout Voltage vs.
Output Current
Enable Threshold vs.
Input Voltage (Channel 1)
Enable Threshold vs.
Input Voltage (Channel 2)
Enable Threshold vs.
Temperature (Channel 2)
Dropout Voltage vs.
Temperature
Enable Threshold vs.
Temperature (Channel 1)
Ground Pin Current vs.
Input Voltage
0
200
400
600
800
1000
1200
3.5
4
4.5
5
5.5
INPUT VOLTAGE(V)
-40 -20
0
20 40 60
80 100
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
3.5
4
4.5
5
5.5
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
0.5
0.6
0.7
0.8
0.9
1.0
1.0
1.1
1.2
1.3
1.4
1.5
3.5
4
4.5
5
5.5
0.5
0.6
0.7
0.8
0.9
1.1
1.2
1.3
-40 -20
0
20 40 60 80 100
-40 -20
0
20
40
60
80 100
Cuurent Limit vs.
Input Voltage
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
180
-40 -20
0
20
40
60
80 100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.4
1.5
200
300
400
500
600
700
800
3
3.5
4
4.5
5
5.5
Both Channels Loaded
Both Channels Loaded
Channel 1
Channel 2
Channel 2
EN High Threshold
EN Low Threshold
Channel 1
EN High Threshold
EN Low Threshold
Channel 1
Channel 2
Channel 1, VIN=3.7V
EN High Threshold
EN Low Threshold
Channel 2, VIN=3.7V
EN High Threshold
EN Low Threshold
Channel 2
Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com