Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20142 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20142
Description  Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20142 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20142 Datasheet HTML 1Page - Monolithic Power Systems MP20142 Datasheet HTML 2Page - Monolithic Power Systems MP20142 Datasheet HTML 3Page - Monolithic Power Systems MP20142 Datasheet HTML 4Page - Monolithic Power Systems MP20142 Datasheet HTML 5Page - Monolithic Power Systems MP20142 Datasheet HTML 6Page - Monolithic Power Systems MP20142 Datasheet HTML 7Page - Monolithic Power Systems MP20142 Datasheet HTML 8Page - Monolithic Power Systems MP20142 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP20142
Dual Channel, 200mA Linear
Regulator With Programmable
Output Voltage and Output Discharge
MP20142 Rev.0.9
www.MonolithicPower.com
1
7/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20142 is a dual-channel, low noise, low
dropout and high PSRR linear regulator with
programmable output voltage. The output
voltage of MP20142 ranges from 1.2V to 3.3V
in 100mV increments and 2.5% accuracy by
operating from a +2.5V to +5.5V input. The
different
output
voltage
options
can
be
programmed by setting the voltage of P1 and
P2 to VDD, GND or floating. There are 9
different voltage settings in one chip. Each
output channel can supply up to 200mA of load
current.
The MP20142 uses two internal P-channel
MOSFETs
as
the
pass
devices,
which
consumes 150µA supply current when both
channels are enabled at no load condition. The
EN1 and EN2 pins control each output
respectively. When both channels shutdown
simultaneously,
the
chip
turns
off
and
consumes nearly zero operation current which
is suitable for battery-power devices. The
MP20142 also features current limiting, output
discharge and over temperature protection.
It is available in a TQFN8 (2mm×2mm) package.
FEATURES
• Programmable Output Voltage
• Up to 200mA Output Current (Each LDO)
• 60mV Dropout at 100mA Load
• Dual Shutdown Pins Control Each Output
• 75dB PSRR at 1kHz
• 7µVRMS Low Noise Outputs
• Current Limiting and Thermal Protection
• Short Circuit Protection
• Two LDOs in TQFN8 (2mm×2mm) Package
• Output Load Discharge when Disabled
APPLICATIONS
• Cellular Phones
• Battery-powered Equipment
• Laptop, Notebook, and Palmtop Computers
• Hand-held Equipment
• Wireless LAN
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP20142

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2014 MPS-MP2014 Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
MP2014GZD MPS-MP2014GZD Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
MP2014GZD-33 MPS-MP2014GZD-33 Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
More results

Similar Description - MP20142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
Programmable Dual Output Linear Regulator
logo
Texas Instruments
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Texas Instruments
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com