Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28115DQ Datasheet HTML 1Page - Monolithic Power Systems MP28115DQ Datasheet HTML 2Page - Monolithic Power Systems MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems MP28115DQ Datasheet HTML 5Page - Monolithic Power Systems MP28115DQ Datasheet HTML 6Page - Monolithic Power Systems MP28115DQ Datasheet HTML 7Page - Monolithic Power Systems MP28115DQ Datasheet HTML 8Page - Monolithic Power Systems MP28115DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP28115 – 4A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28115 Rev. 0.92
www.MonolithicPower.com
2
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
FB
GND
SW
IN
BS
1
2
3
4
5
EN/SYNC
GND
SW
IN
POK
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
Part Number*
Package
Temperature
MP28115DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP28115DQ–Z)
For RoHS Compliant Packaging, add suffix –LF
(e.g. MP28115DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ....................................-0.3V to +6.5V
SW to GND........................... -0.3V to VIN + 0.3V
SW to GND............ -2.5V to VIN+2.5V for <50nS
FB, EN/SYNC, POK to GND...........-0.3V to +6.5V
BS to SW .....................................-0.3V to +6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ...............-65°C to +150°C
Recommended Operating Conditions (2)
Supply Voltage VIN............................. 2.7V to 6V
Output Voltage VOUT ................. 0.8V to 0.9 x VIN
Operating Temperature ..............-40°C to +85°C
Thermal Resistance (3)
θJA
θJC
QFN10 (3mm x 3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS (4)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN
VFB = 0.85V
750
μA
Shutdown Current
VEN = 0V, VIN = 6V
1
μA
IN Undervoltage Lockout
Threshold
Rising Edge
2.59
2.69
V
IN Undervoltage Lockout
Hysteresis
210
mV
TA = +25°C
0.788
0.800
0.812
V
Regulated FB Voltage
–40°C ≤ TA ≤ +85°C
0.780
0.800
0.820
V
FB Input Current
VFB = 0.85V
±50
nA
EN High Threshold
–40°C ≤ TA ≤ +85°C
1.6
V
EN Low Threshold
–40°C ≤ TA ≤ +85°C
0.4
V
Internal Soft-Start Time
120
µs
High-Side Switch On-Resistance ISW = 300mA
60
mΩ
Low-Side Switch On-Resistance
ISW = –300mA
60
mΩ
SW Leakage Current
VEN = 0V; VIN = 6V
VSW = 0V or 6V
–10
10
μA
BS Under Voltage Lockout
Threshold
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com