Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28115DQ Datasheet HTML 1Page - Monolithic Power Systems MP28115DQ Datasheet HTML 2Page - Monolithic Power Systems MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems MP28115DQ Datasheet HTML 5Page - Monolithic Power Systems MP28115DQ Datasheet HTML 6Page - Monolithic Power Systems MP28115DQ Datasheet HTML 7Page - Monolithic Power Systems MP28115DQ Datasheet HTML 8Page - Monolithic Power Systems MP28115DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP28115 – 4A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28115 Rev. 0.92
www.MonolithicPower.com
3
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (4) (continued)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
High-Side Switch Current Limit
Sourcing
TBD
6.5
A
Low-Side Switch Current Limit
Sinking
3.5
A
Oscillator Frequency
1.2
1.5
1.8
MHz
Maximum Synch Frequency
2
MHz
Minimum Synch Frequency
1
MHz
Minimum On Time
50
ns
Maximum Duty Cycle
90
%
POK Upper Trip Threshold
FB respect to the nominal value
10
%
POK Lower Trip Threshold
FB respect to the nominal value
-10
%
POK Output Voltage Low
ISINK = 5mA
0.4
V
POK Deglitch Timer
30
μs
Thermal Shutdown Threshold
Hysteresis = 20°C
150
°C
Note:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
PIN FUNCTIONS
Pin #
Name
Description
6
POK
Open Drain Power Good Output. “HIGH” output indicates VOUT is within ±10% window.
“LOW” output indicates VOUT is out of ±10% window. POK is pulled down in shutdown.
4, 7
IN
Input Supply. A decoupling capacitor to ground is required close to these pins to reduce
switching spikes.
3, 8
SW
Switch Node Connection to the Inductor. These pins connect to the internal high and low-
side power MOSFET switches. All SW pins must be connected together externally.
2, 9
GND
Ground. Connect these pins with larger copper areas to the negative terminals of the input
and output capacitors.
5
BS
Bootstrap. A capacitor between this pin and SW provides a floating supply for the high-side
gate driver.
1
FB
Feedback. This is the input to the error amplifier. An external resistive divider connects this
pin between the output and GND. The voltage on the FB pin to the internal 0.8V reference
to set the regulation voltage.
10
EN/SYNC
Enable and Frequency Synchronization Input Pin. Forcing this pin below 0.4V shuts down
the part. Forcing this pin above 1.6V turns on the part. Applying a 1MHz to 2MHz clock
signal to this pin synchronizes the internal oscillator frequency to the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com