Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28115DQ Datasheet HTML 1Page - Monolithic Power Systems MP28115DQ Datasheet HTML 2Page - Monolithic Power Systems MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems MP28115DQ Datasheet HTML 5Page - Monolithic Power Systems MP28115DQ Datasheet HTML 6Page - Monolithic Power Systems MP28115DQ Datasheet HTML 7Page - Monolithic Power Systems MP28115DQ Datasheet HTML 8Page - Monolithic Power Systems MP28115DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP28115
4A, 1.5MHz Synchronous
Step-Down Converter
MP28115 Rev. 0.92
www.MonolithicPower.com
1
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28115 is an internally compensated
1.5MHz fixed frequency PWM synchronous
step-down regulator. MP28115 operates from a
2.7V to 6V input and generates an adjustable
output voltage from 0.8V to 0.9xVIN at up to 4A
load current.
The MP28115 integrates a 60mΩ high-side
switch and a 60mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, the MP28115 based
solution
achieves
minimum
footprint
and
component count. Fault condition protection
includes Hiccup short-circuit protection, cycle-
by-cycle current limiting and thermal shutdown.
Other
features
include
frequency
synchronization input, internal soft-start and
power good output.
The MP28115 is available in a small 3mm x
3mm 10-lead QFN package.
FEATURES
• 4A Output Current
• Input Operation Range: 2.7V to 6V
• 1.5% Output Accuracy
• 60mΩ Internal Power MOSFET Switches
• All Ceramic Capacitor Design
• Up to 95% Efficiency
• 1.5MHz Fixed Switching Frequency
• Internal Soft-Start
• Frequency Synchronization Input
• Power Good Output
• Cycle-by-Cycle Current Limiting
• Hiccup Short Circuit Protection
• Thermal Shutdown
• 3mm x 3mm 10-lead QFN Package
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
BS
IN
POK
SW
EN/SYNC
FB
GND
MP28115
4,7
5
3,8
1
2,9
6
10
Vin
2.7V to 6V
Vout
1.8V/4A
C3
47uF
R1
400k
R2
316k
L1
1uH
C4
100nF
C2
10uF
R3
100k
R4
100k
C1
10uF
D1
B0530
Efficiency vs
Output Current
0
70
75
85
90
95
80
1234
OUTPUT CURRENT (A)
5V to 2.5V
5V to 1.8V
5V to 3.3V


Similar Part No. - MP28115DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28115DQ MPS-MP28115DQ Datasheet
182Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
MP28115DQ MPS-MP28115DQ Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
MP28115DQ MPS-MP28115DQ Datasheet
196Kb / 4P
4A, 6V, Synchronous Step-Down Switching Regulator EV Board
More results

Similar Description - MP28115DQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP28128 MPS-MP28128 Datasheet
444Kb / 11P
2.5A, 1.5MHz Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com