Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems MP28115DQ Datasheet HTML 5Page - Monolithic Power Systems MP28115DQ Datasheet HTML 6Page - Monolithic Power Systems MP28115DQ Datasheet HTML 7Page - Monolithic Power Systems MP28115DQ Datasheet HTML 8Page - Monolithic Power Systems MP28115DQ Datasheet HTML 9Page - Monolithic Power Systems MP28115DQ Datasheet HTML 10Page - Monolithic Power Systems MP28115DQ Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP28115 – 4A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28115 Rev. 0.92
www.MonolithicPower.com
8
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage (see Page 1). The feedback resistor R1
also sets the feedback loop bandwidth with the
internal compensation (refer to description
function). The relation between R1 and feedback
loop bandwidth (fC), output capacitance (CO) is as
following:
6
CO
1.24 10
R1(K )
f(KHz) C (uF)
×
Ω=
×
The feedback loop bandwidth (fC) is no higher
than 1/10 of switching frequency of MP2119. In
the case of ceramic capacitor as CO, it’s usually
set to be in the range of 50 kHz and 150 kHz for
optimal transient performance and good phase
margin. If electrolytic capacitor is used, the loop
bandwidth is no higher than 1/4 of the ESR zero
frequency (fESR). fESR is given by:
ESR
ESR
O
1
f
2R
C
=
π×
×
For example, choose fC=70 kHz with ceramic
capacitor, CO=47uF, R1 is estimated to be 400kΩ.
R2 is then given by:
OUT
R1
R2 =
V
-1
0.8V
Table
1—Resistor
Selection
vs.
Output
Voltage Setting
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
L
(μH)
COUT
(ceramic)
1.2
400
806
0.47μH-1μH
47μF
1.5
400
453
0.47μH-1μH
47μF
1.8
400
316
0.47μH-1μH
47μF
2.5
400
187
0.47μH-1μH
47μF
3.3
400
127
0.47μH-1μH
47μF
Inductor Selection
A 0.47µH to 1µH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall be <10mΩ. See Table 2 for recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
OUT
IN
OUT
IN
L
OSC
Vx(V - V
)
L=
VxΔIxf
where ∆IL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current, 4A.
The maximum inductor peak current is:
L
L(MAX)
LOAD
ΔI
I= I
+
2
Under light load conditions, larger inductance is
recommended for improved efficiency.
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. The input capacitor impedance
at the switching frequency shall be less than
input
source
impedance
to
prevent
high
frequency switching current passing to the input
source. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their low ESR and small temperature coefficients.
For most applications, a 47µF capacitor is
sufficient.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part
Number
Inductan
ce
(μH)
Max DCR
(mΩ)
Current Rating
(A)
Dimensions
L x W x H (mm3)
Wurth Electronics
744310055
0.55
4.5
14
7×6.9×3
744310095
0.95
7.4
11
7×6.9×3
TOKO
B1015AS-1R0N
1
11
6.9
8.4×8.3×4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com