Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28115DQ Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28115DQ
Description  4A, 1.5MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28115DQ Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28115DQ Datasheet HTML 3Page - Monolithic Power Systems MP28115DQ Datasheet HTML 4Page - Monolithic Power Systems MP28115DQ Datasheet HTML 5Page - Monolithic Power Systems MP28115DQ Datasheet HTML 6Page - Monolithic Power Systems MP28115DQ Datasheet HTML 7Page - Monolithic Power Systems MP28115DQ Datasheet HTML 8Page - Monolithic Power Systems MP28115DQ Datasheet HTML 9Page - Monolithic Power Systems MP28115DQ Datasheet HTML 10Page - Monolithic Power Systems MP28115DQ Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP28115 – 4A, 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP28115 Rev. 0.92
www.MonolithicPower.com
10
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Top Layer
Inner Layer-1
Inner Layer-2
Bottom Layer
Figure2― Recommended PCB Layout of MP28115
TYPICAL APPLICTION CIRCUIT
BS
IN
POK
SW
EN/SYNC
FB
GND
MP28115
4,7
5
3,8
1
2,9
6
10
Vin
2.7V to 6V
Vout
1.8V/4A
C3
47uF
R1
400k
R2
316k
L1
1uH
C4
100nF
C2
10uF
R3
100k
R4
100k
C1
10uF
D1
B0530
Figure 3—Typical Application Circuit of MP28115



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com