Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28248GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP28248GD
Description  High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28248GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP28248GD Datasheet HTML 11Page - Monolithic Power Systems MP28248GD Datasheet HTML 12Page - Monolithic Power Systems MP28248GD Datasheet HTML 13Page - Monolithic Power Systems MP28248GD Datasheet HTML 14Page - Monolithic Power Systems MP28248GD Datasheet HTML 15Page - Monolithic Power Systems MP28248GD Datasheet HTML 16Page - Monolithic Power Systems MP28248GD Datasheet HTML 17Page - Monolithic Power Systems MP28248GD Datasheet HTML 18Page - Monolithic Power Systems MP28248GD Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP28248 – 3A, 4.2V-20V INPUT, FAST-TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28248 Rev. 1.0
www.MonolithicPower.com
17
1/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Inductor
The inductor supplies constant current to the
output load while being driven by the switched
input voltage. A larger-value inductor will result in
less ripple current that will result in lower output
ripple voltage. However, a larger-value inductor
will have a larger physical footprint, higher series
resistance, and/or lower saturation current. A
good rule for determining the inductance value is
to design the peak-to-peak ripple current in the
inductor to be in the range of 30% to 40% of the
maximum output current, and that the peak
inductor current is below the maximum switch
current limit. The inductance value can be
calculated by:
OUT
OUT
SW
L
IN
VV
L=
(1-
)
f
ΔIV
(25)
Where ΔIL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the peak
inductor current can be calculated by:

 
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2f
L
V
(26)
Design Example
Some design examples with typical outputs are
provided in the following tables:
Table 2: 1.2V VOUT (L = 2μH)
VIN VOUT
(V)
R7
R4
C4
R1
R2
FSW
(V)
(Ω)
(Ω)
(F)
(Ω)
(Ω)
(Hz)
12
1.2
301k 806k 220p 17.4k 40.2k 440k
Table 3: 1.8V VOUT (L = 2μH)
VIN
VOUT
(V)
R7
R4
C4
R1
R2
FSW
(V)
(Ω)
(Ω)
(F)
(Ω)
(Ω) (Hz)
12
1.8 402k 649k 220p 30k 24.3k 500k
Table 4: 2.5V VOUT (L = 2μH)
VIN VOUT
(V)
R7
R4
C4
R1
R2
FSW
(V)
(Ω)
(Ω)
(F)
(Ω)
(Ω)
(Hz)
12 2.5 499k 499k 330p 21.5k 10k 544k
Table 5: 3.3V VOUT (L = 4.7μH)
VIN VOUT
(V)
R7
R4
C4
R1
R2 FSW
(V)
(Ω)
(Ω)
(F)
(Ω)
(Ω)(Hz)
12 3.3 680k 806k
330p 31.6k 10k 520k
Table 6: 5V VOUT (L = 8μH)
VIN
VOUT
(V)
R7
R4
C4
R1
R2 FSW
(V)
(Ω)
(Ω)
(F)
(Ω)
(Ω) (Hz)
12
5
1M
1.2M 220p 53.6k 10k 544k
The detailed application schematic is shown in
Figure 13. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to related Evaluation Board Data Sheets.
Typical Application Schematic
EN
VIN
25V
C1A
C5
301k
R7
806K
R4
SW
220pF
C4
1210
C2B
NS
C2D
NS
J1
SS
1.2V@3A
GND
VCC
GND
NS
R8
NS
D1
C3
40.2k
R2
1210
0603
C2A
C2C
7443552200
499k
R5
1nF
C7
0
R3
0
R9
17.4k
R1
VOUT
L1
MP28248
SS
6
VCC
4
FREQ
8
EN
5
IN
9
SW 2
FB 7
BST 3
SW 10
U1
33nF
C6
VOUT
4.2V-20V
Figure 13: Detailed Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com