Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28248GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28248GD
Description  High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28248GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28248GD Datasheet HTML 1Page - Monolithic Power Systems MP28248GD Datasheet HTML 2Page - Monolithic Power Systems MP28248GD Datasheet HTML 3Page - Monolithic Power Systems MP28248GD Datasheet HTML 4Page - Monolithic Power Systems MP28248GD Datasheet HTML 5Page - Monolithic Power Systems MP28248GD Datasheet HTML 6Page - Monolithic Power Systems MP28248GD Datasheet HTML 7Page - Monolithic Power Systems MP28248GD Datasheet HTML 8Page - Monolithic Power Systems MP28248GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP28248 – 3A, 4.2V-20V INPUT, FAST-TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28248 Rev 1.0
www.MonolithicPower.com
3
1/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
0
μA
Supply current (quiescent)
IQ
VEN = 2V, VFB = 0.9V
440
490
μA
HS switch-on resistance
(5)
HSRDS-ON
120
mΩ
LS switch-on resistance
(5)
LSRDS-ON
50
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
1
μA
Current limit
ILIMIT
After Soft-Start time-out
4
5
A
One-shot on-time
tON
R7 = 600kΩ, VOUT = 1.2V
480
ns
R7 = 200kΩ, VOUT = 1.2V
160
ns
R7 = 120kΩ, VOUT = 1.2V
100
ns
Minimum off time
tOFF
125
ns
Fold-back off Time
(5)
tFB-OCP
IL=ILIM=1 FB=0.6V
5
μs
tFB-SCP
IL=ILIM=1 FB=0.2V
10
μs
OCP hold-off time
(5)
tOC
IL=ILIM=1 FB=0.6V
50
μs
Feedback voltage
VFB
TA=25°C
807
815
823
mV
Feedback current
IFB
VFB=815mV
30
50
nA
EN rising threshold
ENVth-Hi
1.05
1.3
1.6
V
EN threshold hysteresis
ENVth-Hys
500
mV
EN input current
IEN
VEN = 2V
1.5
µA
VEN = 0V
0
µA
Soft-start charging current
ISS
VSS = 0V
14
µA
Soft stop charging current
ISS
VSS=0.815V
4.5
μA
VIN under-voltage lockout
threshold rising
INUVVth
3.1
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
300
mV
Thermal shutdown
TSD
150
°C
Thermal shutdown hysteresis
TSD-HYS
25
°C
Note:
5) Guaranteed by design and characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com