Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28248GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28248GD
Description  High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28248GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28248GD Datasheet HTML 1Page - Monolithic Power Systems MP28248GD Datasheet HTML 2Page - Monolithic Power Systems MP28248GD Datasheet HTML 3Page - Monolithic Power Systems MP28248GD Datasheet HTML 4Page - Monolithic Power Systems MP28248GD Datasheet HTML 5Page - Monolithic Power Systems MP28248GD Datasheet HTML 6Page - Monolithic Power Systems MP28248GD Datasheet HTML 7Page - Monolithic Power Systems MP28248GD Datasheet HTML 8Page - Monolithic Power Systems MP28248GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP28248
High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input
Synchronous Step-down Converter
in a QFN12 (2x3mm) Package
MP28248 Rev 1.0
www.MonolithicPower.com
1
1/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28248 is a fully-integrated, high-
efficiency, synchronous, step-down, switch
mode converter. It offers a very compact
solution that can achieve a 3A continuous
output current over a wide input supply range
with excellent load and line regulation. The
MP28248 operates at high efficiency over a
wide output-current load range.
Constant-On-Time control mode provides fast
transient response and eases loop stabilization.
Full protective features include short-circuit
protection, over-current protection, over-voltage
protection,
under-voltage
protection,
and
thermal shutdown.
The MP28248 requires a minimal number of
readily-available standard external components.
This device is available in a space-saving
2mmx3mm 12-pin QFN package.
FEATURES
 Wide 4.2V to 20V Operating Input Range
 3A Output Current
 Low RDS(ON) Internal Power MOSFETs
 Proprietary Switching-Loss Reduction
Technique
 Soft Startup/Shutdown
 Programmable Switching Frequency
 SCP, OCP, UVP, OVP, and Thermal
Shutdown
 Output Adjustable from 0.815V to 13V
 Available in a QFN12 (2mmx3mm) Package
APPLICATIONS
Networking Systems
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS
green status, please visit MPS website under the Products, Quality
Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
50
60
70
80
90
100
0.01
0.1
1
10
Vin=12V


Similar Part No. - MP28248GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28200 MPS-MP28200 Datasheet
493Kb / 17P
Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28200GG MPS-MP28200GG Datasheet
493Kb / 17P
Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28251GD MPS-MP28251GD Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP28248GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP28258 MPS-MP28258 Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP38900 MPS-MP38900 Datasheet
859Kb / 23P
High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
logo
ACE Technology Co., LTD...
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com