Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28248GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP28248GD
Description  High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28248GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP28248GD Datasheet HTML 11Page - Monolithic Power Systems MP28248GD Datasheet HTML 12Page - Monolithic Power Systems MP28248GD Datasheet HTML 13Page - Monolithic Power Systems MP28248GD Datasheet HTML 14Page - Monolithic Power Systems MP28248GD Datasheet HTML 15Page - Monolithic Power Systems MP28248GD Datasheet HTML 16Page - Monolithic Power Systems MP28248GD Datasheet HTML 17Page - Monolithic Power Systems MP28248GD Datasheet HTML 18Page - Monolithic Power Systems MP28248GD Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP28248 – 3A, 4.2V-20V INPUT, FAST-TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28248 Rev 1.0
www.MonolithicPower.com
15
1/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage—Large ESR
Capacitors
For applications that use electrolytic or POS
capacitors as output capacitors, the output
voltage is set by feedback resistors R1 and R2
as shown in Figure 10.
Figure 10: Simplified Circuit of POS Capacitor
To design the feedback circuit, first select a value
for R2: a small R2 will lead to considerable
quiescent current loss while a large R2 makes
the FB pin noise-sensitive. For best results,
choose a value between 5kΩ and 50kΩ for R2,
and choose a comparatively larger R2 when VO
is low—e.g. 1.05V—and a smaller R2 when VO is
high. Then determine R1 using the following
equation that takes the output ripple into
consideration:
OUT
OUT
REF
12
REF
1
VV
V
2
RR
V


(12)
Where
OUT
V
is the output ripple determined by
equation 21.
Setting the Output Voltage—Small ESR
Capacitors
Figure 11: Simplified Circuit with Ceramic
Capacitor
When using a low-ESR ceramic capacitors on
the output, add an external voltage ramp to the
FB pin. As Figure 11 shows, the resistive divider
and the ramp voltage, VRAMP, influences the
output voltage. As discussed in the previous
section, the VRAMP can be calculated as per
equation 7. Select an appropriate R2: typically in
the range of 5kΩ to 50kΩ for most applications;
use a relatively large R2 when VO is low—
e.g.,1.05V—and a small R2 when VO is high.
Determine R1 as follows:
2
1
FB(AVG)
2
OUT
FB(AVG)
4
9
R
R=
V
R
-
(V
-V
) R +R
(13)
Where VFB(AVG) is the average value on the FB pin.
Its value in skip mode is lower than in PWM
mode, meaning load regulation is strictly
conditional to to the VFB(AVG). Line regulation is
also related to VFB(AVG). For improved load or line
regulation, use a lower VRAMP as per equation 9.
For PWM mode, use the following equation to
determine VFB(AVG):
12
FB(AVG)
REF
RAMP
12
9
R//R
1
VV
V
2R //R
R

(14)
Typically R9 is 0Ω, but the appropriate non-zero
value, as per equation 15, improves noise
immunity. Select a value that is around
0.2×R1//R2 to minimize its effect on VRAMP.

9
4SW
1
R
2C
2f
(15)
To simplify the calculation of R1 for equation 14,
add a DC-blocking capacitor, CDC, to filter the DC
influence from R4 and R9. Figure 12 shows a
simplified
circuit
with
external
ramp
compensation and a DC-blocking capacitor.
Approximating R1 is now much easier with CDC
using equation 16 for PWM mode.

OUT
REF
RAMP
12
REF
RAMP
1
(V
V
V
)
2
RR
1
VV
2
(16)
Select a CDC value at least 10× the value of C4
for better DC blocking, though do not select a
CDC that exceeds 0.47µF to avoid long start-up
times. Larger CDC values improve FB noise
immunity when combined with smaller R1 and R2
values to limit system start-up effects. Note that
even with CDC, the load and line regulation are
still VRAMP-related.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com