Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28248GD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28248GD
Description  High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28248GD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28248GD Datasheet HTML 6Page - Monolithic Power Systems MP28248GD Datasheet HTML 7Page - Monolithic Power Systems MP28248GD Datasheet HTML 8Page - Monolithic Power Systems MP28248GD Datasheet HTML 9Page - Monolithic Power Systems MP28248GD Datasheet HTML 10Page - Monolithic Power Systems MP28248GD Datasheet HTML 11Page - Monolithic Power Systems MP28248GD Datasheet HTML 12Page - Monolithic Power Systems MP28248GD Datasheet HTML 13Page - Monolithic Power Systems MP28248GD Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP28248 – 3A, 4.2V-20V INPUT, FAST-TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28248 Rev 1.0
www.MonolithicPower.com
10
1/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
FREQ
OC
BST
VCC
UV Detect
Comparator
-
+
5V LDO
0.4V
ILIM
UV
OV
HS-FET
1MEG
LS-FET
RSEN
VCC
OV Detect
Comparator
+
-
1.0V
PWM
AGND
LOGIC
OFF
Timer
Current
Modulator
BSTREG
SOFT
START/STOP
Loop
Comparator
-
+
+
xS
xR
HS
Driver
Q
Current Sense
Amplifer
SW
LS
Driver
GND
EN
IN
REFERENCE
0.8V
START
FB
Refresh
Timer
SS
HS Ilimit
Comparator
-
+
ON
Timer
Over-Current
Timer
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com