Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28251GD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP28251GD
Description  20V, 4A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28251GD Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP28251GD Datasheet HTML 5Page - Monolithic Power Systems MP28251GD Datasheet HTML 6Page - Monolithic Power Systems MP28251GD Datasheet HTML 7Page - Monolithic Power Systems MP28251GD Datasheet HTML 8Page - Monolithic Power Systems MP28251GD Datasheet HTML 9Page - Monolithic Power Systems MP28251GD Datasheet HTML 10Page - Monolithic Power Systems MP28251GD Datasheet HTML 11Page - Monolithic Power Systems MP28251GD Datasheet HTML 12Page - Monolithic Power Systems MP28251GD Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP28251 – 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP28251 Rev. 1.16
www.MonolithicPower.com
9
4/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP28251 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a very
compact solution to achieve 4A of continuous
output current over a wide input supply range
with excellent load and line regulation.
The MP28251 operates in a fixed-frequency,
peak-current–mode control to regulate the
output voltage. The internal clock initiates the
PWM cycle, turning on the integrated high-side
power MOSFET. The high-side MOSFET
remains on until its current reaches the value
set by the COMP voltage. When the power
switch is off, it remains off until the next clock
cycle starts. If, within 90% of one PWM period,
the current in the power MOSFET does not
reach the COMP set current value, the power
MOSFET will be forced to turn off.
Error Amplifier
The error amplifier compares the FB pin voltage
against the internal 0.8V reference (REF) and
outputs a current proportional to the difference
between the two. This output current charges or
discharges the internal compensation network
to form the COMP voltage, which controls the
power MOSFET current. The optimized internal
compensation network minimizes the external
component count and simplifies the control loop
design.
Internal Regulator
The 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN exceeds 5.0V, the output of the regulator is
in full regulation. When VIN is less than 5.0V,
the output decreases. The part requires a 0.1µF
ceramic decoupling capacitor.
Enable Control
The MP28251 has a dedicated enable control
pin (EN): pulling it high enables the IC, pulling it
low disables it.. Tie EN to VIN through a resistor
for automatic start up. EN must be pulled low to
disable the part.
The EN pin is clamped internally using a 6.7V
series-Zener-diode as shown in Figure 2.
Connect the EN input pin through a pullup
resistor to any voltage connected to the VIN pin
such that the pullup resistor limits the EN input
current to less than 100µA.
For example, connecting 12V to VIN, RPULLUP
(12V – 6.7V)/100µA = 53kΩ.
Connecting the EN pin is directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
below 6V to prevent damage to the Zener diode.
EN
EN LOGIC
Zener
6.7V typ.
GND
Figure 2: Zener Diode between EN and GND
The EN pin also features an internal 2.3μA
current source. Connect a capacitor to the EN
pin for delayed startup. When VIN exceeds the
input UVLO, an internal 2.3μA current source
charges the external capacitor. The external
capacitor connects to the non-inverting input of
a comparator. The part is enabled once the
capacitor voltage exceeds the 1.5V internal
reference voltage.
Frequency Synchronizing
The MP28251 can be synchronized to an
external clock with a range from 300kHz to
2MHz through the SYNC pin. The internal clock
rising edge is synchronized to the external clock
rising edge.
Low Power Mode
The MP28251 can operate in discontinuous
mode (DCM) and Pulse skip mode (PSM) under
light load to improve efficiency, featured as the
Low Power Mode. To enable Low Power Mode,
connect LPM pin to VCC pin or to a voltage
divider from VCC. To disable Low Power Mode,
connect LPM pin to ground and the converter
will always operate in CCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com