Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28251GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP28251GD
Description  20V, 4A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28251GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP28251GD Datasheet HTML 7Page - Monolithic Power Systems MP28251GD Datasheet HTML 8Page - Monolithic Power Systems MP28251GD Datasheet HTML 9Page - Monolithic Power Systems MP28251GD Datasheet HTML 10Page - Monolithic Power Systems MP28251GD Datasheet HTML 11Page - Monolithic Power Systems MP28251GD Datasheet HTML 12Page - Monolithic Power Systems MP28251GD Datasheet HTML 13Page - Monolithic Power Systems MP28251GD Datasheet HTML 14Page - Monolithic Power Systems MP28251GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP28251 – 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP28251 Rev. 1.16
www.MonolithicPower.com
14
4/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VIN
9
4
5
1,12 13,14
8
10
3
2
11
6
7
4.75-20V
GND
VCC
EN
IN
BS
SW
3.3V/4A
VOUT
GND
SW
SW
FB
GND
SS
LPM
FREQ/SYNC
VCC
EN
LPM
FREQ/SYNC
SS
R4
23.2k
R9
37.5k
C5
47nF
R3
10k
R11
4.99k
R10
30.1k
C8
10pF
MP28251
R5
10
C6
27pF
R8
0
R1
10k
R2
3.16k
C7
22nF
R7
51
R6
0
U1
Figure 6: 500kHz, 3.3V Output at 4A Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com