Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28251GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28251GD
Description  20V, 4A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28251GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28251GD Datasheet HTML 1Page - Monolithic Power Systems MP28251GD Datasheet HTML 2Page - Monolithic Power Systems MP28251GD Datasheet HTML 3Page - Monolithic Power Systems MP28251GD Datasheet HTML 4Page - Monolithic Power Systems MP28251GD Datasheet HTML 5Page - Monolithic Power Systems MP28251GD Datasheet HTML 6Page - Monolithic Power Systems MP28251GD Datasheet HTML 7Page - Monolithic Power Systems MP28251GD Datasheet HTML 8Page - Monolithic Power Systems MP28251GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP28251
20V, 4A Synchronous
Step-Down Converter
MP28251 Rev. 1.16
www.MonolithicPower.com
1
4/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28251 is a synchronous, rectified, step-
down, switch-mode converter with internal
power MOSFETs. It offers a very compact
solution to achieve a 4A continuous output
current over a wide input supply range with
excellent
load
and
line
regulation.
The
MP28251 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
Full protection features include over-current
protection and thermal shutdown.
The MP28251 requires a minimal number of
readily-available standard external components
and is available in a space saving 2mm×3mm
14-pin QFN package.
FEATURES
 Wide 4.75V-to-20V Operating Input Range
 4A Output Current
 Low RDS(ON) Internal Power MOSFETs
 Programmable Switching Frequency
 Programmable EN Delay
 Frequency SYNC from 300kHz to 2MHz
External Clock
 Low Power Mode Selectable by an External
Signal
 External Soft Start
 OCP and Thermal Shutdown
 Available in a 14-pin QFN2×3 Package
APPLICATIONS
 DSL Modems
 Cable Modems
 Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP28251
VCC
U1
R1
30.1k
R2
10k
R5
10
CSS
22nF
3.3V
VOUT
VIN
VCC
EN
ON
OFF
LPM
CDELAY
47nF
RFREQ
30.1k
EN
LPM
FREQ/SYNC
GND
SS
FB
SW
BS
IN
FREQ/SYNC
RT
0


Similar Part No. - MP28251GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28252EL MPS-MP28252EL Datasheet
369Kb / 14P
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28253EL MPS-MP28253EL Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
More results

Similar Description - MP28251GD

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9151 MPS-MP9151 Datasheet
1Mb / 19P
20V, 4A Synchronous Step-Down Coverter
MP28115 MPS-MP28115 Datasheet
333Kb / 11P
4A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9320 BELLING-BL9320 Datasheet
652Kb / 11P
2A, 20V Synchronous Step-Down Converter
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
logo
Monolithic Power System...
EV9151-D-00A MPS-EV9151-D-00A Datasheet
562Kb / 5P
20V, 4A 800kHz Synchronous Step-down Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com