Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28251GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP28251GD
Description  20V, 4A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28251GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP28251GD Datasheet HTML 7Page - Monolithic Power Systems MP28251GD Datasheet HTML 8Page - Monolithic Power Systems MP28251GD Datasheet HTML 9Page - Monolithic Power Systems MP28251GD Datasheet HTML 10Page - Monolithic Power Systems MP28251GD Datasheet HTML 11Page - Monolithic Power Systems MP28251GD Datasheet HTML 12Page - Monolithic Power Systems MP28251GD Datasheet HTML 13Page - Monolithic Power Systems MP28251GD Datasheet HTML 14Page - Monolithic Power Systems MP28251GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP28251 – 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP28251 Rev. 1.16
www.MonolithicPower.com
11
4/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
The feedback resistor, R1, also sets the
feedback loop bandwidth with the internal
compensation capacitor. Choose R1 around
10kΩ, then R2 is:
OUT
R1
R2
V
1
0.815V
The T-type network (shown in Figure 4) is
highly recommended when VOUT is low.
R8
Figure 4: T-Type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
R8 (kΩ)
1.05
3.09(1%)
10(1%)
120(1%)
1.2
4.99(1%)
10(1%)
75(1%)
1.8
10(1%)
8.06(1%)
49.9(1%)
2.5
10(1%)
4.75(1%)
24.9(1%)
3.3
10(1%)
3.16(1%)
0(1%)
5
10(1%)
1.91(1%)
0(1%)
Selecting the Inductor
Use a 1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications.
Select an inductor with a DC resistance less
than 15mΩ for best efficiency. Use the following
equation to derive the inductor value for most
designs.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
Where ΔIL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Under light-load conditions (below 100mA), use
a larger inductor for improved efficiency.
Setting the Switching Frequency
An external resistor, RFREQ, from the FREQ pin
to
GND
sets
the
MP28251’s
oscillating
frequency. The value of RFREQ can be
calculated from:
)
kHz
(
f
)
k
(
R
S
FREQ
15000
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Use low-ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com