Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28251GD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28251GD
Description  20V, 4A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28251GD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28251GD Datasheet HTML 6Page - Monolithic Power Systems MP28251GD Datasheet HTML 7Page - Monolithic Power Systems MP28251GD Datasheet HTML 8Page - Monolithic Power Systems MP28251GD Datasheet HTML 9Page - Monolithic Power Systems MP28251GD Datasheet HTML 10Page - Monolithic Power Systems MP28251GD Datasheet HTML 11Page - Monolithic Power Systems MP28251GD Datasheet HTML 12Page - Monolithic Power Systems MP28251GD Datasheet HTML 13Page - Monolithic Power Systems MP28251GD Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP28251 – 20V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP28251 Rev. 1.16
www.MonolithicPower.com
10
4/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
When the LPM pin connects to VCC, the
inductor peak current in set internally which is
about 240mA for VIN=12V, VOUT=3.3V and
L=4.7uH. Peak inductor current also can be set
by connecting LPM pin to a voltage divider from
VCC with 2 external resistors. By program LPM
voltage, efficiency and output ripple can be
traded off and optimize. Higher LPM gives
higher peak inductor current thus more efficient
but more output ripple. To help select the LPM
voltage, the curve of inductor peak current vs.
low power mode voltage is shown in Page 5,
Typical Performance Characteristics section.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at insufficient supply voltage.
The MP28251’s UVLO comparator monitors the
output voltage of the internal regulator, VCC.
The UVLO rising threshold is 4.25V while its
falling threshold is 3.38V.
External Soft-Start
Connect a capacitor from the soft-start pin to
ground to adjust the soft-start time. When soft-
start begins, an internal 8μA current source
charges the external capacitor. The soft-start
capacitor connects to the non-inverting input of
the error amplifier. The soft-start period lasts
until the voltage on the soft-start capacitor
exceeds the 0.815V reference. At this point the
reference voltage takes over at the non-
inverting error-amplifier input. The soft-start
time can be calculated as follows:
SS
SS
0.815V C (nF)
t(ms)
8A
If the output of the MP28251 is pre-biased to a
certain voltage during startup, the IC will disable
the switching of both high-side and low-side
switches until the voltage on the internal soft-
start capacitor exceeds the sensed output
voltage at the FB pin.
Over-Current-Protection
The MP28251 has a hiccup mode over-current
limit for when the inductor current peak value
exceeds the set current limit threshold.
When the output voltage drops below 70% of
the reference, and inductor current exceeds the
current limit, the MP28251 will enter soft-start
mode and retry until the fault is removed. This
is especially useful to ensure system safety
under fault conditions.
The latch-off function is disabled during soft-
start duration.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, it shuts down the whole chip. When the
temperature falls below its lower threshold,
typically 120°C, the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1 and C2 (Figure 3). If (VIN-VSW)
exceeds 5V, U1 regulates M1 to maintain a 5V
BST voltage across C4.
VIN
VOUT
D1
M1
BST
C4
L1
SW
U1
5V
C2
Figure 3: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip is enabled. The reference
block starts first, generating a stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In shutdown, the
signaling path is first blocked to avoid any fault
triggering. The COMP voltage and the internal
supply rail are then pulled down. The floating
driver is not subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com