Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2002B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Minimum voltage swing
500 mVp-p
Input resistance
101 kΩ
Probe loading
8 pF
Vertical resolution
1 bit
Horizontal system analog channels
Maximum duration of time
captured at highest sample rate
(all channels)
1 ms
Time base range
200 MHz models: 2ns to 100s
70, 100 MHz models: 4ns to 100s
Time-base delay time range
-10 divisions to 5000 s
Channel-to-channel deskew range ±100 ns
Time base accuracy
±25 ppm over any ≥1 ms interval
Horizontal system digital channels
Maximum sample rate (main)
When using any of channels D7 - D0
When using any of channels D8 - D15
1 GS/s (1 ns resolution)
500 MS/s (2 ns resolution)
Maximum record length (main, all
channels)
1 M points
Minimum detectible pulse width
5 ns
Channel-to-channel skew
2 ns typical
Trigger system
Trigger modes
Auto, Normal, and Single
Trigger coupling
DC, HF reject (attenuates >85 kHz), LF reject (attenuates <65 kHz), noise reject (reduces sensitivity)
Trigger holdoff range
20 ns to 8 s
Trigger sensitivity, typical
Trigger source
Sensitivity
Internal DC coupled
0.4 div from DC to 50 MHz
0.6 div > 50 MHz to 100 MHz
0.8 div > 100 MHz to 200 MHz
External (aux input)
200 mV from DC to 100 MHz, 1X attenuation
Trigger level ranges
Any input channel
±4.92 divisions from center of screen
Aux Input (external trigger)
±6.25 V, 1X attenuation
±12.5 V, 10X attenuation
Trigger types
Edge
Positive or negative slope on any channel or front-panel auxiliary input. Coupling includes DC, AC, HF reject, LF reject, and noise
reject.
Pulse Width
Trigger on width of positive or negative pulses that are >, <, =, ≠, or inside/outside a specified period of time.
Runt
Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again.
Datasheet
10 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com