Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2002B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Designed to make your work easier
The MSO/DPO2000B is designed to make your work easier. The bright,
widescreen display shows a long time window. Dedicated front-panel
controls simplify operation. A USB host port on the front panel allows you to
easily transfer screenshots, instrument settings, and waveform data to a
memory st
Bright, widescreen display
The MSO/DPO2000B Series features a 7 inch (180 mm) widescreen, TFT-
LCD display for seeing intricate signal details.
Dedicated front-panel controls
Per-channel vertical controls provide simple and intuitive operation. No
longer do you need to share one set of vertical controls across all four
channels.
Connectivity
A USB host port on the front panel enables easy transfer of screenshots,
instrument settings, and waveform data to a USB thumb drive. The rear
panel contains a USB device port for controlling the oscilloscope remotely
from a PC or for connecting a USB keyboard. The USB device port can also
be used to print directly to a PictBridge
®-compatible printer. An optional
10/100 Ethernet port enables easy connection to networks and an optional
Video Out port allows the oscilloscope display to be exported to an external
monitor or projector.
Compact form factor
A compact, portable form factor allows the MSO/DPO2000B Series to be
easily moved between labs and, with a depth of just 5.3 inches (134 mm), it
saves you valuable space on your test bench.
The MSO/DPO2000B Series' compact form factor frees up valuable space on your bench
or desktop.
TekVPI® probe interface
The TekVPI probe interface sets the standard for ease of use in probing.
TekVPI probes feature status indicators and controls, as well as a probe
menu button right on the comp box itself. This button brings up a probe
menu on the oscilloscope display with all relevant settings and controls for
the probe. TekVPI probes can be controlled remotely through USB, GPIB,
or Ethernet, enabling more versatile solutions in ATE environments.
TekVPI probe interface simplifies connecting your probes to the oscilloscope.
MSO/DPO2000B Series Mixed Signal Oscilloscope
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com