Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2002B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
MSO2002B and
DPO2002B
MSO2004B and
DPO2004B
MSO2012B and
DPO2012B
MSO2014B and
DPO2014B
MSO2022B and
DPO2022B
MSO2024B and
DPO2024B
Analog channels
2
4
2
4
2
4
Bandwidth 1
70 MHz
70 MHz
100 MHz
100 MHz
200 MHz
200 MHz
Rise time
5 ns
5 ns
3.5 ns
3.5 ns
2.1 ns
2.1 ns
Sample rate
1 GS/s
1 GS/s
1 GS/s
1 GS/s
1 GS/s
1 GS/s
Record length
1 M points
1 M points
1 M points
1 M points
1 M points
1 M points
Digital channels
MSO models - add 16 digital channels to the corresponding DPO model
Vertical system analog channels
Hardware bandwidth limits
20 MHz
Input coupling
AC, DC, GND
Input impedance
1 MΩ ±2%, 11.5 pF ±2 pF
Input sensitivity range
2 mV/div to 5 V/div
Vertical resolution
8 bits
Maximum input voltage, 1 MΩ
300 VRMS with peaks ≤ ±450 V
DC gain accuracy (with offset set
to 0 V)
±3% for 10 mV/div to 5 V/div
±4% for 2 mV/div to 5 mV/div
Channel-to-channel isolation
(Any two channels at equal vertical scale)
MSO2002B, DPO2002B, MSO2004B,
DPO2004B
MSO2012B, DPO2012B, MSO2014B,
DPO2014B
MSO2022B, DPO2022B, MSO2024B,
DPO2024B
≥100:1 at ≤70 MHz
≥100:1 at ≤100 MHz
100:1 at ≤200 MHz
Offset range
Volts/div setting
Offset range
1 MΩ input
2 mV/div to 200 mV/div
±1 V
>200 mV/div to 5 V/div
±25V
Vertical system digital channels
Input channels
16 digital (D15 to D0)
Thresholds
Threshold per set of 8 channels
Threshold selections
TTL, CMOS, ECL, PECL, User-defined
User-defined threshold range
± 20 V
Threshold accuracy
±[100 mV + 3% of threshold setting]
Maximum input voltage
± 40 V
Input dynamic range
80 Vpk-pk (threshold setting dependent)
1
Bandwidth is 20 MHz at 2 mV/div, all models.
MSO/DPO2000B Series Mixed Signal Oscilloscope
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com