Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2002B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MSO2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Logic
Trigger when any logical pattern of channels goes false or stays true for specified period of time. Any input can be used as a clock
to look for the pattern on a clock edge. Pattern (AND, OR, NAND, NOR) specified for all input channels defined as High, Low, or
Don’t Care.
Setup and Hold
Trigger on violations of both setup time and hold time between clock and data present on any of the analog and digital input
channels.
Rise/Fall Time
Trigger on pulse edge rates that are faster or slower than specified. Slope may be positive, negative, or either.
Video
Trigger on all lines, odd, even, or all fields on NTSC, PAL, and SECAM video signals.
I2C (optional)
Trigger on Start, Repeated Start, Stop, Missing ACK, Address (7 or 10 bit), Data, or Address and Data on I2C buses up to 3.4 Mb/s.
SPI (optional)
Trigger on SS, MOSI, MISO, or MOSI and MISO on SPI buses up to 10.0 Mb/s.
RS-232/422/485/UART
(optional)
Trigger on Tx Start Bit, Rx Start Bit, Tx End of Packet, Rx End of Packet, Tx Data, Rx Data, Tx Parity Error, and Rx Parity Error up
to 10 Mb/s.
CAN (optional)
Trigger on Start of Frame, Frame Type (data, remote, error, overload), Identifier (standard or extended), Data, Identifier and Data,
End of Frame, Missing ACK, or Bit Stuffing Error on CAN signals up to 1 Mb/s. Data can be further specified to trigger on ≤, <, =, >,
≥, or ≠ a specific data value. User-adjustable sample point is set to 50% by default.
LIN (optional)
Trigger on Sync, Identifier, Data, Identifier and Data, Wakeup Frame, Sleep Frame, Errors such as Sync, Parity, or Checksum
Errors.
Parallel (available on MSO
models only)
Trigger on a parallel bus data value.
Acquisition system
Acquisition Modes
Sample
Acquire sampled values.
Peak Detect
Captures glitches as narrow as 3.5 ns at all sweep speeds.
Averaging
From 2 to 512 waveforms included in average.
Roll
Scrolls waveforms right to left across the screen at sweep speeds slower than or equal to 40 ms/div.
Waveform measurements
Cursors
Waveform and Screen.
Automatic measurements
29, of which up to four can be displayed on-screen at any one time. Measurements include: Period, Frequency, Delay, Rise Time,
Fall Time, Positive Duty Cycle, Negative Duty Cycle, Positive Pulse Width, Negative Pulse Width, Burst Width, Phase, Positive
Overshoot, Negative Overshoot, Peak to Peak, Amplitude, High, Low, Max, Min, Mean, Cycle Mean, RMS, Cycle RMS, Positive
Pulse Count, Negative Pulse Count, Rising Edge Count, Falling Edge Count, Area and Cycle Area.
Gating
Isolate the specific occurrence within an acquisition to take measurements on, using either the screen, or waveform cursors.
Waveform math
Arithmetic
Add, subtract, and multiply waveforms.
FFT
Spectral magnitude. Set FFT Vertical Scale to Linear RMS or dBV RMS, and FFT Window to Rectangular, Hamming, Hanning, or
Blackman-Harris.
MSO/DPO2000B Series Mixed Signal Oscilloscope
www.tektronix.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com