Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2002B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MSO2002B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2002B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MSO2002B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO2002B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
With the color-coded digital waveform display, groups are created by simply placing
digital channels together on the screen, allowing the digital channels to be moved as a
group. You can set threshold values for each pod of eight channels, enabling support for
up to two different logic families.
White edges indicate additional information is available by acquiring at a higher sample
rate.
The multiple transition detection hardware of the MSO2000B Series will
show you a white edge on the display when the system detects multiple
transitions. This acts as a visual reminder that increasing the sample rate on
the next acquisition will reveal higher frequency information than your
previous settings could acquire.
The MSO2000B Series simplifies channel setup by allowing you to group
digital waveforms and enter waveform labels by using a USB keyboard. By
simply placing digital waveforms next to each other, they form a group.
Once a group is formed, you can position all the channels contained in that
group collectively. This greatly reduces the normal setup time associated
with positioning channels individually.
P6316 MSO probe
This unique probe design offers two eight-channel pods, simplifying the
process of connecting to the device-under-test. When connecting to square
pins, the P6316 can connect directly to 8×2 square pin headers spaced on
tenth-inch centers. When more attachment flexibility is required, you can
use the included flying lead sets and grabbers to clip onto surface mount
devices or test points. The P6316 offers outstanding electrical
characteristics applying only 8 pF of capacitive loading with 101 kΩ input
impedance.
The P6316 MSO probe offers two eight-channel pods to simplify connecting to your
device.
FilterVu™ variable low-pass filter
Tired of being limited to a 20 MHz bandwidth filter in your oscilloscope?
Simply turn on FilterVu and adjust the variable low-pass noise filter. Unlike
other variable low-pass filters, FilterVu filters out the unwanted noise from
your signal while still capturing glitches and other signal details up to the full
bandwidth of the oscilloscope. It does this by showing two waveforms: a
waveform that can be filtered (foreground waveform) and a glitch capture
waveform (background waveform).
The filtered waveform uses a variable low-pass filter to block out noise,
yielding a cleaner waveform to more precisely locate signal edges and
amplitude levels. The result is improved confidence in you cursor
measurements and cleaner documentation of important signal attributes.
When the noise filter is adjusted to the lowest available noise-cutoff
frequency, no more than 1% of high-frequency content that could cause the
oscilloscope to alias will pass through the filter.
The glitch capture waveform shows signal details up to the full bandwidth of
the oscilloscope. The oscilloscope captures pulses as narrow as 5 ns, using
peak-detect min/max sampling, protecting you from missing unexpected
glitches or other high-frequency events.
FilterVu is ideal for repetitive, nonrepetitive, and single-shot events.
MSO/DPO2000B Series Mixed Signal Oscilloscope
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com