Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C020 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM27C020
Description  2 Megabit (256 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM27C020 Datasheet HTML 1Page - Advanced Micro Devices AM27C020 Datasheet HTML 2Page - Advanced Micro Devices AM27C020 Datasheet HTML 3Page - Advanced Micro Devices AM27C020 Datasheet HTML 4Page - Advanced Micro Devices AM27C020 Datasheet HTML 5Page - Advanced Micro Devices AM27C020 Datasheet HTML 6Page - Advanced Micro Devices AM27C020 Datasheet HTML 7Page - Advanced Micro Devices AM27C020 Datasheet HTML 8Page - Advanced Micro Devices AM27C020 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Am27C020
5
FUNCTIONAL DESCRIPTION
Device Erasure
In order to clear all locations of their programmed con-
tents, the device must be exposed to an ultraviolet light
source. A dosage of 15 W seconds/cm2 is required to
completely erase the device. This dosage can be ob-
tained by exposure to an ultraviolet lamp—wavelength
of 2537 Å—with intensity of 12,000 µW/cm2 for 15 to 20
minutes. The device should be directly under and about
one inch from the source, and all filters should be re-
moved from the UV light source prior to erasure.
Note that all UV erasable devices will erase with light
sources having wavelengths shorter than 4000 Å, such
as fluorescent light and sunlight. Although the erasure
process happens over a much longer time period, ex-
posure to any light source should be prevented for
maximum system reliability. Simply cover the package
window with an opaque label or substance.
Device Programming
Upon delivery, or after each erasure, the device has
all of its bits in the “ONE”, or HIGH state. “ZEROs” are
loaded into the device through the programming pro-
cedure.
The device enters the programming mode when 12.75
V
± 0.25 V is applied to the V
PP pin, and CE# and
PGM# are at VIL and OE# is at VIH.
For programming, the data to be programmed is ap-
plied 8 bits in parallel to the data pins.
The flowchar t in the Programming section of the
EPROM Products Data Book (Section 5, Figure 5-1)
shows AMD’s Flashrite algorithm. The Flashrite algo-
rithm reduces programming time by using a 100 µs pro-
gramming pulse and by giving each address only as
many pulses to reliably program the data. After each
pulse is applied to a given address, the data in that ad-
dress is verified. If the data does not verify, additional
pulses are given until it verifies or the maximum pulses
allowed is reached. This process is repeated while se-
quencing through each address of the device. This part
of the algorithm is done at VCC = 6.25 V to assure that
each EPROM bit is programmed to a sufficiently high
threshold voltage. After the final address is completed,
the entire EPROM memory is verified at VCC = VPP =
5.25 V.
Please refer to Section 5 of the EPROM Products Data
Book for additional programming information and spec-
ifications.
Program Inhibit
Programming different data to multiple devices in par-
allel is easily accomplished. Except for CE#, all like in-
puts of the devices may be common. A TTL low-level
program pulse applied to one device’s CE# input with
VPP = 12.75 V ± 0.25 V and PGM# LOW, and OE#
HIGH will program that particular device. A high-level
CE# input inhibits the other devices from being pro-
grammed.
Program Verify
A verification should be performed on the programmed
bits to determine that they were correctly programmed.
The verify should be performed with OE# and CE#, at
VIL, PGM# at VIH, and VPP between 12.5 V and 13.0 V.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification through identifier codes on DQ0–
DQ7. This mode is primarily intended for programming
equipment to automatically match a device to be pro-
grammed with its corresponding programming algo-
rithm. This mode is functional in the 25
°C ± 5°C
ambient temperature range that is required when pro-
gramming the device.
To activate this mode, the programming equipment
must force VH on address line A9. Two identifier bytes
may then be sequenced from the device outputs by tog-
gling address line A0 from VIL to VIH (that is, changing
the address from 00h to 01h). All other address lines
must be held at VIL during the autoselect mode.
Byte 0 (A0 = VIL) represents the manufacturer code,
and Byte 1 (A0 = VIH), the device identifier code. Both
codes have odd parity, with DQ7 as the parity bit.
Read Mode
To obtain data at the device outputs, Chip Enable (CE#)
and Output Enable (OE#) must be driven low. CE# con-
trols the power to the device and is typically used to se-
lect the device. OE# enables the device to output data,
independent of device selection. Addresses must be
stable for at least tACC–tOE. Refer to the Switching
Waveforms section for the timing diagram.
Standby Mode
The device enters the CMOS standby mode when CE#
is at VCC ± 0.3 V. Maximum VCC current is reduced to
100 µA. The device enters the TTL-standby mode
when CE# is at VIH. Maximum VCC current is reduced
to 1.0 mA. When in either standby mode, the device
places its outputs in a high-impedance state, indepen-
dent of the OE# input.
Output OR-Tieing
To accommodate multiple memory connections, a
two-line control function provides:
s Low memory power dissipation, and
s Assurance that output bus contention will not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com