Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C020 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM27C020
Description  2 Megabit (256 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM27C020 Datasheet HTML 4Page - Advanced Micro Devices AM27C020 Datasheet HTML 5Page - Advanced Micro Devices AM27C020 Datasheet HTML 6Page - Advanced Micro Devices AM27C020 Datasheet HTML 7Page - Advanced Micro Devices AM27C020 Datasheet HTML 8Page - Advanced Micro Devices AM27C020 Datasheet HTML 9Page - Advanced Micro Devices AM27C020 Datasheet HTML 10Page - Advanced Micro Devices AM27C020 Datasheet HTML 11Page - Advanced Micro Devices AM27C020 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Am27C020
AC CHARACTERISTICS
Caution: Do not remove the device from (or insert it into) a socket or board that has VPP or VCC applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is sampled and not 100% tested.
3. Switching characteristics are over operating range, unless otherwise specified.
4. See Figure 3 and Table 1 for test specifications.
SWITCHING WAVEFORMS
Notes:
1. OE# may be delayed up to tACC – tOE after the falling edge of the addresses without impact on tACC.
2. tDF is specified from OE# or CE#, whichever occurs first.
PACKAGE CAPACITANCE
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25°C, f = 1 MHz.
Parameter Symbols
Description
Test Setup
Am27C020
Unit
JEDEC
Standard
-55
-75
-70
-90
-120 -150 -200 -255
tAVQV
tACC
Address to Output Delay
CE#,
OE# = VIL
Max
55
70
90
120
150
200
250
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL Max
55
70
90
120
150
200
250
ns
tGLQV
tOE
Output Enable to Output Delay CE# = VIL Max
40
40
40
50
65
75
100
ns
tEHQZ
tGHQZ
tDF
(Note 2)
Chip Enable High or Output
Enable High to Output High Z,
Whichever Occurs First
Max
25
25
25
30
30
40
60
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE# or OE#,
Whichever Occurs First
Min
00
00
00
0
ns
Addresses
CE#
OE#
Output
11507H-9
Addresses Valid
High Z
High Z
tCE
Valid Output
2.4
0.45
2.0
0.8
2.0
0.8
tACC
(Note 1)
tOE
tDF (Note 2)
tOH
Parameter Symbol
Parameter
Description
Test Conditions
CDV032
PD 032
PL 032
Unit
Typ
Max
Typ
Max
Typ
Max
CIN
Input Capacitance
VIN = 0
101210
12
8
10
pF
COUT
Output Capacitance
VOUT = 0
121512
15
9
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com