Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C020 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM27C020
Description  2 Megabit (256 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM27C020 Datasheet HTML 4Page - Advanced Micro Devices AM27C020 Datasheet HTML 5Page - Advanced Micro Devices AM27C020 Datasheet HTML 6Page - Advanced Micro Devices AM27C020 Datasheet HTML 7Page - Advanced Micro Devices AM27C020 Datasheet HTML 8Page - Advanced Micro Devices AM27C020 Datasheet HTML 9Page - Advanced Micro Devices AM27C020 Datasheet HTML 10Page - Advanced Micro Devices AM27C020 Datasheet HTML 11Page - Advanced Micro Devices AM27C020 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Am27C020
11
PHYSICAL DIMENSIONS*
CDV032—32-Pin Ceramic Dual In-Line Package, UV Lens (measured in inches)
* For reference only. BSC is an ANSI standard for Basic Space Centering.
PD 032—32-Pin Plastic Dual In-Line Package (measured in inches)
TOP VIEW
SIDE VIEW
END VIEW
INDEX AND
TERMINAL NO. 1
I.D. AREA
.565
.605
1.635
1.680
.005 MIN
.045
.065
.014
.026
.100 BSC
.015
.060
.160
.220
.125
.200
BASE PLANE
SEATING PLANE
.300 BSC
.600
BSC
.008
.018
94
°
105
°
.700
MAX
16-000038H-3
CDV032
DF11
3-30-95 ae
DATUM D
CENTER PLANE
DATUM D
CENTER PLANE
1
UV Lens
Pin 1 I.D.
1.640
1.680
.530
.580
.005 MIN
.045
.065
.090
.110
.140
.225
.120
.160
.014
.022
SEATING PLANE
.015
.060
16-038-SB_AG
PD 032
DG75
2-28-95 ae
32
17
16
.630
.700
0˚
10˚
.600
.625
.008
.015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com