Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C020 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27C020
Description  2 Megabit (256 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27C020 Datasheet HTML 1Page - Advanced Micro Devices AM27C020 Datasheet HTML 2Page - Advanced Micro Devices AM27C020 Datasheet HTML 3Page - Advanced Micro Devices AM27C020 Datasheet HTML 4Page - Advanced Micro Devices AM27C020 Datasheet HTML 5Page - Advanced Micro Devices AM27C020 Datasheet HTML 6Page - Advanced Micro Devices AM27C020 Datasheet HTML 7Page - Advanced Micro Devices AM27C020 Datasheet HTML 8Page - Advanced Micro Devices AM27C020 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FINAL
Publication# 11507
Rev: H Amendment/0
Issue Date: May 1998
Am27C020
2 Megabit (256 K x 8-Bit) CMOS EPROM
DISTINCTIVE CHARACTERISTICS
s Fast access time
— Speed options as fast as 55 ns
s Low power consumption
— 100 µA maximum CMOS standby current
s JEDEC-approved pinout
— Plug in upgrade of 1 Mbit EPROM
— Easy upgrade from 28-pin JEDEC EPROMs
s Single +5 V power supply
s
±10% power supply tolerance standard
s 100% Flashrite™ programming
— Typical programming time of 32 seconds
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
s Compact 32-pin DIP, PDIP, and PLCC packages
GENERAL DESCRIPTION
The Am27C020 is a 2 Megabit, ultraviolet erasable pro-
grammable read-only memory. It is organized as 256
Kwords by 8 bits per word, operates from a single +5 V
supply, has a static standby mode, and features fast
single address location programming. Products are
available in windowed ceramic DIP packages, as well
as plastic one time programmable (OTP) PDIP and
PLCC packages.
Data can be typically accessed in less than 55 ns, al-
lowing high-performance microprocessors to operate
without any WAIT states. The device offers separate
Output Enable (OE#) and Chip Enable (CE#) controls,
thus eliminating bus contention in a multiple bus micro-
processor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 100 mW in active mode,
and 100 µW in standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in
blocks, or at random. The device supports AMD’s
Flashrite programming algorithm (100 µs pulses), re-
sulting in a typical programming time of 32 seconds.
BLOCK DIAGRAM
11507H-1
A0–A17
Address
Inputs
PGM#
CE#
OE#
VCC
VSS
VPP
Data Outputs
DQ0–DQ7
Output
Buffers
Y
Gating
2,097,152
Bit Cell
Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27C020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120 AMD-AM27C010-120 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010-120DC ROCHESTER-AM27C010-120DC Datasheet
926Kb / 9P
1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120DC5 AMD-AM27C010-120DC5 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com