Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C020 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM27C020
Description  2 Megabit (256 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM27C020 Datasheet HTML 2Page - Advanced Micro Devices AM27C020 Datasheet HTML 3Page - Advanced Micro Devices AM27C020 Datasheet HTML 4Page - Advanced Micro Devices AM27C020 Datasheet HTML 5Page - Advanced Micro Devices AM27C020 Datasheet HTML 6Page - Advanced Micro Devices AM27C020 Datasheet HTML 7Page - Advanced Micro Devices AM27C020 Datasheet HTML 8Page - Advanced Micro Devices AM27C020 Datasheet HTML 9Page - Advanced Micro Devices AM27C020 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Am27C020
CE# should be decoded and used as the primary de-
vice-selecting function, while OE# be made a common
connection to all devices in the array and connected to
the READ line from the system control bus. This as-
sures that all deselected memory devices are in their
low-power standby mode and that the output pins are
only active when data is desired from a particular mem-
ory device.
System Applications
During the switch between active and standby condi-
tions, transient current peaks are produced on the ris-
ing and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1 µF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM ar-
rays, a 4.7 µF bulk electrolytic capacitor should be used
between VCC and VSS for each eight devices. The loca-
tion of the capacitor should be close to where the
power supply is connected to the array.
MODE SELECT TABLE
Notes:
1. VH = 12.0 V ± 0.5 V.
2. X = Either VIH or VIL.
3. A1–A8 and A10–17 = VIL
4. See DC Programming Characteristics for VPP voltage during programming.
Mode
CE#
OE#
PGM#
A0
A9
VPP
Outputs
Read
VIL
VIL
XX
X
X
DOUT
Output Disable
X
VIH
X
X
X
X
High Z
Standby (TTL)
VIH
X
X
X
X
X
High Z
Standby (CMOS)
VCC ± 0.3 V
X
X
X
X
X
High Z
Program
VIL
VIH
VIL
XX
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
VPP
DOUT
Program Inhibit
VIH
XX
X
X
VPP
High Z
Autoselect
(Note 3)
Manufacturer Code
VIL
VIL
XVIL
VH
X01h
Device Code
VIL
VIL
XVIH
VH
X97h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com