Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 4 Page - Analog Devices

  AD9432 Datasheet HTML 1Page - Analog Devices AD9432 Datasheet HTML 2Page - Analog Devices AD9432 Datasheet HTML 3Page - Analog Devices AD9432 Datasheet HTML 4Page - Analog Devices AD9432 Datasheet HTML 5Page - Analog Devices AD9432 Datasheet HTML 6Page - Analog Devices AD9432 Datasheet HTML 7Page - Analog Devices AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. E
AD9432
–4–
ABSOLUTE MAXIMUM RATINGS
*
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
VREFIN . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VCC + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9432 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PowerQuad is a registered trademark of AMkor Technology, Inc.
THERMAL CHARACTERISTICS
52-Lead Plastic LQFP (ST-52)
JA = 50
°C/W, No Airflow
52-lead PowerQuad
® 4 LQFP (SQ-52)
JA = 25
°C/W, Soldered Exposed Heat Sink, No Airflow
JA = 33
°C/W, Unsoldered Exposed Heat Sink, No Airflow
JC = 2
°C/W, Bottom of package (Exposed Heat Sink)
Simulated Typical performance for 4-layer JEDEC board,
horizontal orientation.
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Option
AD9432BSQ
–40
°C to +85°C 52-Lead Thermally
SQ-52
-80, -105
Enhanced Plastic
Quad Flatpack
AD9432BST
–40
°C to +85°C 52-Lead Plastic Quad ST-52
-80, -105
Flatpack (LQFP)
AD9432/PCB 25
°C
Evaluation Board
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II
100% production tested at 25
°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com