Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 1 Page - Analog Devices

  AD9432 Datasheet HTML 1Page - Analog Devices AD9432 Datasheet HTML 2Page - Analog Devices AD9432 Datasheet HTML 3Page - Analog Devices AD9432 Datasheet HTML 4Page - Analog Devices AD9432 Datasheet HTML 5Page - Analog Devices AD9432 Datasheet HTML 6Page - Analog Devices AD9432 Datasheet HTML 7Page - Analog Devices AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9432
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
12-Bit, 80 MSPS/105 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
12
AIN
ENCODE
12
AD9432
GND
VREFOUT
D11–D0
VREFIN
AIN
ENCODE
VCC
VDD
TIMING
REF
OUTPUT
STAGING
PIPELINE
ADC
BUF
T/H
OR
FEATURES
On-Chip Reference and Track/Hold
On-Chip Input Buffer
850 mW Typical Power Dissipation at 105 MSPS
500 MHz Analog Bandwidth
SNR = 67 dB @ 49 MHz AIN at 105 MSPS
SFDR = 80 dB @ 49 MHz AIN at 105 MSPS
2.0 V p-p Differential Analog Input Range
Single 5.0 V Supply Operation
3.3 V CMOS/TTL Outputs
Two’s Complement Output Format
APPLICATIONS
Communications
Basestations and ‘Zero-IF’ Subsystems
Wireless Local Loop (WLL)
Local Multipoint Distribution Service (LMDS)
HDTV Broadcast Cameras and Film Scanners
GENERAL INTRODUCTION
The AD9432 is a 12-bit monolithic sampling analog-to-digital
converter with an on-chip track-and-hold circuit and is optimized
for high-speed conversion and ease of use. The product operates
at a 105 MSPS conversion rate with outstanding dynamic per-
formance over its full operating range.
The ADC requires only a single 5.0 V power supply and a
105 MHz encode clock for full-performance operation. No
external reference or driver components are required for many
applications. The digital outputs are TTL/CMOS compatible
and a separate output power supply pin supports interfacing
with 3.3 V logic. The encode input supports either differential
or single-ended and is TTL/CMOS-compatible.
Fabricated on an advanced BiCMOS process, the AD9432 is
available in a 52-lead plastic quad flatpack package (LQFP)
specified over the industrial temperature range (–40
°C to +85°C).


Similar Part No. - AD9432

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9432 AD-AD9432 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432/PCB AD-AD9432/PCB Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9432/PCB AD-AD9432/PCB Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
More results

Similar Description - AD9432

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com