Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices AD9432 Datasheet HTML 10Page - Analog Devices AD9432 Datasheet HTML 11Page - Analog Devices AD9432 Datasheet HTML 12Page - Analog Devices AD9432 Datasheet HTML 13Page - Analog Devices AD9432 Datasheet HTML 14Page - Analog Devices AD9432 Datasheet HTML 15Page - Analog Devices AD9432 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. E
AD9432
–12–
EVALUATION BOARD
The AD9432 evaluation board offers an easy way to test the
AD9432. It requires an analog signal, encode clock, and power
supplies as inputs. The clock is buffered on the board to provide
the clocks for an on-board DAC and latches. The digital outputs
and output clock are available at a standard 37-pin connector P7.
Power Connector
Power is supplied to the board via two detachable 4-pin power
strips P30, P40.
P40
P1
VCC2 5 V/165 mA
DAC Supply
P2
GND
P3
VCC
5 V/200 mA
ADC Analog Supply
P4
GND
P30
P5
No Connect
P6
No Connect
P7
VD
3.3 V /105 mA Latch, ADC Digital Output Supply
P8
GND
Analog Inputs
The evaluation board accepts a 2 V p-p analog input signal at
SMB connector P2. This single-ended signal is ac-coupled by
capacitor C11 and drives a wideband RF transformer T1 (Mini-
Circuits ADT1-1WT) that converts the single-ended signal to a
differential signal. (The AD9432 should be driven differentially to
provide optimum performance.) The evaluation board is shipped
with termination resistors R4, R5, which provide the effective
50
Ω termination impedance; input termination resistor R10 is
optional. Note: The second harmonic distortion that some RF
transformers tend to introduce at high frequencies can be reduced
by coupling two transformers in series as shown in Figure 13.
(Improvements on the order of 3 dB–4 dB can be realized.)
IN
TO AIN+
R1
25
R2
25
C1
0.1 F
TO AIN–
T2
T1
C2
0.1 F
Figure 13. Improving Second Harmonic Distortion
Performance
CH2
CH1
CH3
500mV
2.00V
500mV
M 5.00ns CH1
3.00V
STOP:
TEK
5.00GS/s
[T]
14 ACQS
C1 MAX
3.4V
C1 MIN
2.5mV
C1 FREQ
49.995MHz
LOW SIGNAL
AMPLITUDE
T
2
Figure 14. Analog Input Levels
The full-scale analog inputs to the ADC should be two 1 V p-p
signals 180 degrees out of phase with each other, as shown in
Figure 14. The analog inputs are dc biased by two on-chip
resistor dividers that set the common-mode voltage to approxi-
mately 0.6
× VCC (0.6 × 5 = 3 V). AIN+ and AIN– each vary
between 2.5 V and 3.5 V as shown in the two upper traces in Fig-
ure 14. The lower trace is the input at SMB P2 (on a 2 V/div scale).
Encode
The encode input to the board is at SMB connector P3. The
(>1 V p-p) input is ac-coupled and drives two high-speed differ-
ential line receivers (MC10EL16). These receivers provide
subnanosecond rise times at their outputs—a requirement for
the ADC clock inputs for optimum performance. The EL16
outputs are PECL levels and must be ac-coupled to meet the
common-mode dc levels required at the AD9432 encode inputs.
A PECL/TTL translator (MC100ELT23), provides the clocks
required at the output latches, DAC, and 37-pin connector.
Note: Jitter performance on the clock source is critical at this
performance level; a stable, crystal-controlled signal generator is
used to generate all of the ADC performance plots. Figure 15
shows the Encode+ clock at the ADC. The 3 V latch clock
generated on the card is also shown in the plot.
[T]
86 ACQS
STOP:
TEK
5.00GS/s
T
2
CH2
CH1
1.00V
1.00V
M 5.00ns
CH1
1.20V
C1 MAX
2.33V
C1 MIN
810mV
C1 FREQ
106.3167MHz
LOW
SIGNAL
AMPLITUDE
Figure 15. Encode+ Clock and Latch Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com