Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 2 Page - Analog Devices

  AD9432 Datasheet HTML 1Page - Analog Devices AD9432 Datasheet HTML 2Page - Analog Devices AD9432 Datasheet HTML 3Page - Analog Devices AD9432 Datasheet HTML 4Page - Analog Devices AD9432 Datasheet HTML 5Page - Analog Devices AD9432 Datasheet HTML 6Page - Analog Devices AD9432 Datasheet HTML 7Page - Analog Devices AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. E
–2–
AD9432–SPECIFICATIONS
Test
AD9432BST/BSQ-80
AD9432BST/BSQ-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
DC ACCURACY
Differential Nonlinearity
25
°C
I
–0.75
±0.25
+0.75
–0.75
±0.25
+0.75
LSB
Full
VI
–1.0
±0.5
+1.0
–1.0
±0.5
+1.0
LSB
Integral Nonlinearity
25
°C
I
–1.0
±0.5
+1.0
–1.0
±0.5
+1.0
LSB
Full
VI
–1.5
±1.0
+1.5
–1.5
±1.0
+1.5
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Gain Error
1
25
°C
I
–5
+2
+7
–5
+2
+7
% FS
Gain Tempco
1
Full
V
150
150
ppm/
°C
ANALOG INPUT
Input Voltage Range (AIN–
AIN)
Full
V
±1.0
±1.0
V
Common-Mode Voltage
Full
V
3.0
3.0
V
Input Offset Voltage
Full
VI
–5
±0+5
–5
±0+5
mV
Input Resistance
Full
VI
2
3
4
2
3
4
k
Ω
Input Capacitance
25
°CV
4
4
pF
Analog Bandwidth, Full Power
25
°C
V
500
500
MHz
ANALOG REFERENCE
Output Voltage
Full
VI
2.4
2.5
2.6
2.4
2.5
2.6
V
Tempco
Full
V
50
50
ppm/
°C
Input Bias Current
Full
VI
15
50
15
50
µΑ
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
80
105
MSPS
Minimum Conversion Rate
Full
IV
1
1
MSPS
Encode Pulsewidth High (tEH)25
°C
IV
4.0
6.2
4.0
4.8
ns
Encode Pulsewidth Low (tEL)25
°C
IV
4.0
6.2
4.0
4.8
ns
Aperture Delay (tA)25
°C
V
2.0
2.0
ns
Aperture Uncertainty (Jitter)
25
°C
V
0.25
0.25
ps rms
Output Valid Time (tV)
2
Full
VI
3.0
5.3
3.0
5.3
ns
Output Propagation Delay (tPD)
2
Full
VI
5.5
8.0
5.5
8.0
ns
Output Rise Time (tR)
2
Full
V
2.1
2.1
ns
Output Fall Time (tF)
Full
V
1.9
1.9
ns
Out-of-Range Recovery Time
25
°CV
2
2
ns
Transient Response Time
25
°CV
2
2
ns
Latency
Full
IV
10
10
Cycles
DIGITAL INPUTS
Encode Input Common Mode
Full
V
1.6
1.6
V
Differential Input (ENC–
ENC)
Full
V
750
750
mV
Single-Ended
Logic “1” Voltage
Full
IV
2.0
2.0
V
Logic “0” Voltage
Full
IV
0.8
0.8
V
Input Resistance
Full
VI
3
5
8
3
5
8
k
Ω
Input Capacitance
25
°C
V
4.5
4.5
pF
DIGITAL OUTPUTS
Logic “1” Voltage (VDD = 3.3 V)
Full
VI
VDD – 0.05
VDD – 0.05
V
Logic “0” Voltage (VDD = 3.3 V)
Full
VI
0.05
0.05
V
Output Coding
Two’s Complement
Two’s Complement
POWER SUPPLY
Power Dissipation
3
Full
VI
790
1000
850
1100
mW
Power Supply Rejection Ratio (PSRR) 25
°C
I
–5
+0.5
+5
–5
+0.5
+5
mV/V
IVCC
Full
VI
158
200
170
220
mA
IVDD
Full
VI
9.5
12.2
12.5
16
mA
(VDD = 3.3 V, VCC = 5.0 V; external reference; differential encode input, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com