Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices AD9432 Datasheet HTML 10Page - Analog Devices AD9432 Datasheet HTML 11Page - Analog Devices AD9432 Datasheet HTML 12Page - Analog Devices AD9432 Datasheet HTML 13Page - Analog Devices AD9432 Datasheet HTML 14Page - Analog Devices AD9432 Datasheet HTML 15Page - Analog Devices AD9432 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. E
AD9432
–13–
DATA OUTPUTS
The ADC digital outputs are latched on the board by two 574s;
the latch outputs are available at the 37-pin connector at Pins
25–36. A latch output clock (data ready) is available at Pin 21,
with the complement at Pin 2. There are series termination
resistors on the data and clock outputs. These can be changed if
required to accommodate different loading situations. Figure
16 shows a data bit switching and output clock (DR) at the
connector.
T
CH2
CH1
1.00V
1.00V
M 5.00ns
CH1
1.20V
2
[T]
265 ACQS
C1 MAX
3.06V
C1 MIN
–390mV
C1 FREQ
105.4562MHz
STOP:
TEK
5.00GS/s
Figure 16. Data Bit and Clock at 37-Pin Connector
REFERENCE
The AD9432 has an on-chip reference of 2.5 V available at
VREFOUT (Pin 46). Most applications will simply tie this
output to the VREFIN input (Pin 45). This is accomplished
jumping E4 to E6 on the board. An external voltage reference
can drive the VREFIN pin if desired by strapping E4 to E3 and
placing an AD780 voltage reference on the board (not supplied).
DAC
The evaluation board has an on-board reconstruction DAC
(AD9752). This is placed only to facilitate testing and debug of
the board. It should not be used to measure the performance of
the ADC, as it will not accurately indicate the ADC performance.
The DAC output is available at SMB P1. It will drive a 50
Ω
load. Provision to power down the DAC is at Pin 15 at the DAC.
PCB LAYOUT
The PCB is designed on a four-layer (1 oz. Cu) board. Compo-
nents and routing are on the top layer with a ground flood for
additional isolation. Test and ground points were judiciously
placed to facilitate high-speed probing. A common ground plane
exists on the second layer. The third layer has three split power
planes, two for the ADC and one for support logic. The DAC,
components, and routing are located on the bottom layer.
TROUBLESHOOTING
If the board does not seem to be working correctly, try the
following:
• Verify power at IC pins.
• Check that all jumpers are in the correct position for the
desired mode of operation.
• Verify VREF is at 2.5 V.
• Try running encode clock and analog inputs at low speeds
(10 MSPS/1 MHz) and monitor 574 outputs, DAC output,
and ADC outputs for toggling.
The AD9432 Evaluation Board is provided as a design example
for customers of Analog Devices, Inc. ADI makes no warranties,
express, statutory, or implied, regarding merchantability or fitness
for a particular purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com