Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1209 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1209
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1209 Datasheet(HTML) 4 Page - Analog Devices

  ADG1209 Datasheet HTML 1Page - Analog Devices ADG1209 Datasheet HTML 2Page - Analog Devices ADG1209 Datasheet HTML 3Page - Analog Devices ADG1209 Datasheet HTML 4Page - Analog Devices ADG1209 Datasheet HTML 5Page - Analog Devices ADG1209 Datasheet HTML 6Page - Analog Devices ADG1209 Datasheet HTML 7Page - Analog Devices ADG1209 Datasheet HTML 8Page - Analog Devices ADG1209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 4 of 20
Parameter
+25ºC
−40ºC to
+85ºC
−40ºC to
+125ºC
Unit
Test Conditions/Comments
CD, CS (On) ADG1208
7
pF typ
f = 1 MHz, VS = 0 V
8
pF max
f = 1 MHz, VS = 0 V
CD, CS (On) ADG1209
5
pF typ
f = 1 MHz, VS = 0 V
6
pF max
f = 1 MHz, VS = 0 V
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
220
μA typ
Digital inputs = 5 V
380
μA max
ISS
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
ISS
0.002
μA typ
Digital inputs = 5 V
1.0
μA max
VDD/VSS
±5/±16.5
V min/max
|VDD | = |VSS|
1 Temperature range is as follows: Y version: –40°C to +125°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com