Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1209 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG1209
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1209 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG1209 Datasheet HTML 9Page - Analog Devices ADG1209 Datasheet HTML 10Page - Analog Devices ADG1209 Datasheet HTML 11Page - Analog Devices ADG1209 Datasheet HTML 12Page - Analog Devices ADG1209 Datasheet HTML 13Page - Analog Devices ADG1209 Datasheet HTML 14Page - Analog Devices ADG1209 Datasheet HTML 15Page - Analog Devices ADG1209 Datasheet HTML 16Page - Analog Devices ADG1209 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 13 of 20
12
0
–5
5
VBIAS (V)
10
8
6
4
2
–4
–3
–2
–1
0
1
2
3
4
VDD =+5V
VSS = –5V
TA = 25°C
SOURCE OFF
DRAIN OFF
SOURCE/DRAIN ON
Figure 25. ADG1208 Capacitance vs. Source Voltage, ±5 V Dual Supply
VBIAS (V)
8
0
–15
15
–10
–5
0
5
10
VDD = +15V
VSS = –15V
TA =25°C
7
6
5
4
3
2
1
SOURCE/DRAIN ON
DRAIN OFF
SOURCE OFF
Figure 26. ADG1209 Capacitance vs. Source Voltage, ±15 V Dual Supply
VBIAS (V)
8
0
012
2468
10
VDD =12V
VSS =0V
TA =25°C
7
6
5
4
3
2
1
SOURCE OFF
DRAIN OFF
SOURCE/DRAIN ON
Figure 27. ADG1209 Capacitance vs. Source Voltage, 12 V Single Supply
8
0
–5
5
VBIAS (V)
–4
–3
–2
–1
0
1
2
3
4
VDD =+5V
VSS = –5V
TA = 25°C
SOURCE OFF
DRAIN OFF
SOURCE/DRAIN ON
7
6
5
4
3
2
1
Figure 28. ADG1209 Capacitance vs. Source Voltage, ±5 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com