Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1209 Datasheet(PDF) 18 Page - Analog Devices

Part # ADG1209
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1209 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG1209 Datasheet HTML 12Page - Analog Devices ADG1209 Datasheet HTML 13Page - Analog Devices ADG1209 Datasheet HTML 14Page - Analog Devices ADG1209 Datasheet HTML 15Page - Analog Devices ADG1209 Datasheet HTML 16Page - Analog Devices ADG1209 Datasheet HTML 17Page - Analog Devices ADG1209 Datasheet HTML 18Page - Analog Devices ADG1209 Datasheet HTML 19Page - Analog Devices ADG1209 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 18 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG1208YRUZ1
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1208YRUZ-REEL71
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1208YCPZ-REEL1
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
ADG1208YCPZ-REEL71
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
ADG1208YRZ1
−40°C to +125°C
16-Lead Narrow Body Small Outline Package [SOIC_N]
R-16
ADG1208YRZ-REEL71
−40°C to +125°C
16-Lead Narrow Body Small Outline Package [SOIC_N]
R-16
ADG1209YRUZ1
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1209YRUZ-REEL71
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1209YCPZ-REEL1
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
ADG1209YCPZ-REEL71
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-4
ADG1209YRZ1
−40°C to +125°C
16-Lead Narrow Body Small Outline Package [SOIC_N]
R-16
ADG1209YRZ-REEL71
−40°C to +125°C
16-Lead Narrow Body Small Outline Package [SOIC_N]
R-16
1 Z = RoHS compliant part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com