Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1209 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1209
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1209 Datasheet(HTML) 1 Page - Analog Devices

  ADG1209 Datasheet HTML 1Page - Analog Devices ADG1209 Datasheet HTML 2Page - Analog Devices ADG1209 Datasheet HTML 3Page - Analog Devices ADG1209 Datasheet HTML 4Page - Analog Devices ADG1209 Datasheet HTML 5Page - Analog Devices ADG1209 Datasheet HTML 6Page - Analog Devices ADG1209 Datasheet HTML 7Page - Analog Devices ADG1209 Datasheet HTML 8Page - Analog Devices ADG1209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Capacitance, 4-/8-Channel,
±15 V/+12 V iCMOS Multiplexers
ADG1208/ADG1209
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
<1 pC charge injection over full signal range
1 pF off capacitance
33 V supply range
120 Ω on resistance
Fully specified at ±15 V/+12 V
3 V logic compatible inputs
Rail-to-rail operation
Break-before-make switching action
Available in 16-lead TSSOP, 4 mm × 4 mm LFCSP_VQ, and
16-lead SOIC
Typical power consumption < 0.03 μW
APPLICATIONS
Audio and video routing
Automatic test equipment
Data-acquisition systems
Battery-powered systems
Sample-and-hold systems
Communication systems
FUNCTIONAL BLOCK DIAGRAMS
ADG1208
S1
S8
D
ADG1209
S1A
S4B
DA
DB
S4A
S1B
1-OF-4
DECODER
1-OF-8
DECODER
A0 A1
EN
A0 A1 A2 EN
Figure 1.
GENERAL DESCRIPTION
The ADG1208 and ADG1209 are monolithic, iCMOS® analog
multiplexers comprising eight single channels and four differential
channels, respectively. The ADG1208 switches one of eight
inputs to a common output as determined by the 3-bit binary
address lines A0, A1, and A2. The ADG1209 switches one of
four differential inputs to a common differential output as
determined by the 2-bit binary address lines A0 and A1. An
EN input on both devices is used to enable or disable the device.
When disabled, all channels are switched off. When on, each
channel conducts equally well in both directions and has an
input signal range that extends to the supplies.
The iCMOS (industrial CMOS) modular manufacturing
process combines high voltage CMOS (complementary metal-
oxide semiconductor) and bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 33 V operation in a footprint that no other generation
of high voltage parts has been able to achieve. Unlike analog ICs
using conventional CMOS processes, iCMOS components can
tolerate high supply voltages while providing increased
performance, dramatically lower power consumption, and
reduced package size.
The ultralow capacitance and exceptionally low charge injection
of these multiplexers make them ideal solutions for data acquisition
and sample-and-hold applications, where low glitch and fast
settling are required. Figure 2 shows that there is minimum
charge injection over the entire signal range of the device.
iCMOS construction also ensures ultralow power dissipation,
making the parts ideally suited for portable and battery-
powered instruments.
VS (V)
1.0
0
–15
15
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–10
–5
0
5
10
MUX (SOURCE TO DRAIN)
TA = 25°C
VDD =+15V
VSS = –15V
VDD =+5V
VSS =–5V
VDD =+12V
VSS =0V
Figure 2. Source to Drain Charge Injection vs. Source Voltage


Similar Part No. - ADG1209

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1209 AD-ADG1209 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1209 AD-ADG1209 Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YCPZ-REEL AD-ADG1209YCPZ-REEL Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1209YCPZ-REEL AD-ADG1209YCPZ-REEL Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YCPZ-REEL7 AD-ADG1209YCPZ-REEL7 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
More results

Similar Description - ADG1209

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
7/06-Revision 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com