Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1209 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG1209
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1209 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG1209 Datasheet HTML 12Page - Analog Devices ADG1209 Datasheet HTML 13Page - Analog Devices ADG1209 Datasheet HTML 14Page - Analog Devices ADG1209 Datasheet HTML 15Page - Analog Devices ADG1209 Datasheet HTML 16Page - Analog Devices ADG1209 Datasheet HTML 17Page - Analog Devices ADG1209 Datasheet HTML 18Page - Analog Devices ADG1209 Datasheet HTML 19Page - Analog Devices ADG1209 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 16 of 20
3V
VIN
VOUT
QINJ =CL × ΔVOUT
ΔVOUT
D
S
EN
GND
CL
1nF
VOUT
VIN
RS
VS
VDD
VSS
VDD
VSS
A0
A1
A2
ADG12081
1SIMILAR CONNECTION FOR ADG1209.
Figure 35. Charge Injection
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
S
D
50Ω
OFF ISOLATION = 20 log
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 36. Off Isolation
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
S
D
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 37. Bandwidth
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
R
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 38. Channel-to-Channel Crosstalk
VOUT
RS
AUDIO PRECISION
RL
10kΩ
IN
VIN
S
D
VS
Vp-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 39. THD + Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com