Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFG2021 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet
Characteristics
General
Characteristic
Description
Channels
1
Waveforms
Sine, Square, Pulse, Ramp, Noise, DC, Sin(x)/x, Gaussian,
Lorentz, Exponential Rise, Exponential Decay, and
Haversine
Sine Wave
1 μHz to 20 MHz
Sine Wave in
Burst Mode
1 μHz to 10 MHz
Effective
Maximum
Frequency Out
20 MHz
Amplitude Flatness (1 Vp-p)
<5 MHz
±0.15 dB
5 MHz to 20 MHz ±0.3 dB
Harmonic Distortion (1 Vp-p)
10 Hz to 20 kHz
<–70 dBc
20 kHz to 1 MHz <–60 dBc
1 MHz to 10 MHz <–50 dBc
10 MHz to
20 MHz
<–40 dBc
THD
<0.2% (10 Hz to 20 kHz, 1 Vp-p)
Spurious (1 Vp-p)
10 Hz to 1 MHz
<–60 dBc
1 MHz to 20 MHz <–50 dBc
Phase Noise,
Typical
20 MHz: <–110 dBc/Hz at 10 kHz offset, 1 Vp-p
Residual Clock
Noise
–63 dBm
Square Wave
1 μHz to 10 MHz
Rise/Fall Time
≤18 ns
Jitter (RMS),
Typical
<500 ps
Ramp Wave
1 μHz to 200 kHz
Linearity
≤0.1% of peak output at 10% to 90% of amplitude range
Symmetry
0.0% to 100.0%
Pulse Wave
1 mHzto10MHz
Pulse Width
30.00 ns to 999.99 s
Resolution
10 ps or 5 digits
Pulse Duty
0.001% to 99.999% (Limitations of pulse duty width apply)
Edge Transition
Time
18 ns to 0.625 × Pulse Period
Resolution
10 ps or 4 digits
Lead Delay
Range
Continuous Mode: 0 ps to Period
Trigger/Gate Burst Mode: 0 ps to Period – [Pulse Width + 0.8
× (Leading Edge Time + Trailing Edge Time)]
Resolution
10 ps or 8 digits
Overshoot,
Typical
<5%
Jitter (RMS),
Typical
<500 ps
Characteristic
Description
Other Waveforms
1 μHz to 200 kHz
Noise Bandwidth
(–3 dB)
20 MHz
Noise Type
White Gaussian
DC (into 50 Ω)
–5 Vto+5V
Arbitrary Waveforms 1mHz to 10 MHz
Arbitrary
Waveforms in
Burst Mode
1mHz to 5MHz
Effective Analog
Bandwidth
(–3 dB)
34 MHz
Nonvolatile
Memory
4 waveforms
Memory: Sample
Rate
2 to 128k: 250 MS/s
Vertical
Resolution
14 bits
Rise/Fall Time
≤20 ns
Jitter (RMS)
4ns
Amplitude, 50 Ω
Load
10 mVp-p to 10 Vp-p
Amplitude, Open
Circuit
20 mVp-p to 20 Vp-p
Accuracy
±(1% of setting + 1 mV), (1 kHz sine waveform, 0 V offset,
>10 mVp-p amplitude)
Resolution
0.1 mVp-p,0.1 mVRMS,1mV,0.1 dBm, or 4 digits
Units
Vp-p,VRMS,dBm (sinewaveonly)
Output
Impedance
50 Ω
Load Impedance
Setting
Selectable: 50 Ω,1 Ω to 10.0 kΩ, High Z (adjusts displayed
amplitudeaccordingtoselectedloadimpedance)
Isolation
<42 VPeak maximum to earth
Short-circuit
Protection
Signal outputs are robust against permanent shorts against
floating ground
External Voltage
Protection
To protect signal outputs against external voltages use fuse
adapter 013-0345-00
DC Offset Range,
50 Ω Load
±(5 VPeak –amplitude Vp-p/2)
DC Offset Range,
Open Circuit
±(10 VPeak –amplitudeVp-p/2)
Accuracy
±(1% of |setting| + 5 mV + 0.5% of amplitude (Vp-p))
Resolution
1 mV
4 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com